Electronic Components Datasheet Search
  English  ▼

X  

LB1895 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1895
Description  3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1895 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1895 Datasheet HTML 1Page - Sanyo Semicon Device LB1895 Datasheet HTML 2Page - Sanyo Semicon Device LB1895 Datasheet HTML 3Page - Sanyo Semicon Device LB1895 Datasheet HTML 4Page - Sanyo Semicon Device LB1895 Datasheet HTML 5Page - Sanyo Semicon Device LB1895 Datasheet HTML 6Page - Sanyo Semicon Device LB1895 Datasheet HTML 7Page - Sanyo Semicon Device LB1895 Datasheet HTML 8Page - Sanyo Semicon Device LB1895 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics at Ta=25 °C, VCC1=5 V, VCC2= VCC3=12 V
(Unless otherwise specified)
Parameter
Symbol
Conditions
min
typ
max
Unit
[Supply current]
Supply current 1
ICC1
VC=VCREF
47
mA
Supply current 2
ICC2
VC=VCREF
0
0.5
mA
Supply current 3
ICC3
VC=VCREF
150
250
µA
Output quiescent current 1
ICC1OQ
VS/S = 0 V
200
µA
Output quiescent current 2
ICC2OQ
VS/S = 0 V
30
µA
Output quiescent current 3
ICC3OQ
VS/S = 0 V
30
µA
[Output]
Upper saturation voltage 1
VOU1
IO = –0.5 A, VCC1=5V,VCC2=VCC3 = 12 V
0.8
1.3
V
Lower saturation voltage 1
VOD1IO = 0.5 A, VCC1=5V,VCC2=VCC3 = 12 V
0.3
0.5
V
Upper saturation voltage 2
VOU2IO = –0.5 A, VCC1=VCC3=5V,VCC2 = 12 V
0.3
0.5
V
Lower saturation voltage 2
VOD2IO = 0.5 A, VCC1=VCC3=5 V, VCC2 = 12 V
0.3
0.5
V
Current limiter setting voltage
VCL
RRF = 0.43
Ω
0.25
0.32
0.4
V
[Hall Amplifier]
Hall amplifier common-mode
input voltage range
VHCOM
1.2
VCC1
–1.0
V
Hall amplifier input bias current
IHIB
12
µA
Minimum Hall input level
VHIN
60
mVp-p
[S/S pin]
High-level voltage
VS/SH
2.0
VCC1V
Low-level voltage
VS/SL
0.7
V
Input current
IS/SI
VS/S = 5 V
200
µA
LEAK current
IS/SL
VS/S = 0 V
–30
µA
[Control stage]
VC pin input current
IVC
VC=VCREF = 2.5 V
1
3
µA
VCREF pin input current
IVCREF
VC=VCREF = 2.5 V
1
3
µA
Voltage gain
VGCO
∆VRF/∆VC
0.2
0.25
0.3
Times
Rising threshold voltage
VCTH
VCREF = 2.5 V
2.35
2.65
V
Rising threshold voltage width
∆ VCTH
VCREF = 2.5 V
50
150
mV
[Hall supply]
Hall supply voltage
VH
IH = 5 mA
1.0
1.6
V
Allowable current
IH
20
mA
[Thermal shutdown]
Operating temperature
TTSD
*D
150
180
210
°C
Hysteresis
∆TTSD
*D15
°C
[Hall comparator]
Input offset voltage
VHCIoffset
10
mV
Input hysteresis
VHCIhys
3
8
15
mV
Output ON voltage
VOU
0.3
V
Output OFF voltage
VOD
Note
4.7
V
Output current (sink)
ISINK
3mA
Note: When in S/S OFF (standby) state, the Hall comparator goes high.
*D stands for design target; this value is not measured.
LB1895, 1895D
No.5634-3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com