Electronic Components Datasheet Search
  English  ▼

X  

LB1895 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1895
Description  3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1895 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB1895 Datasheet HTML 3Page - Sanyo Semicon Device LB1895 Datasheet HTML 4Page - Sanyo Semicon Device LB1895 Datasheet HTML 5Page - Sanyo Semicon Device LB1895 Datasheet HTML 6Page - Sanyo Semicon Device LB1895 Datasheet HTML 7Page - Sanyo Semicon Device LB1895 Datasheet HTML 8Page - Sanyo Semicon Device LB1895 Datasheet HTML 9Page - Sanyo Semicon Device LB1895 Datasheet HTML 10Page - Sanyo Semicon Device LB1895 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Pin Descriptions
Note: Numbers within (
) are for LB1895D
Pin No.
Symbol
Voltage
Equivalent circuit
Description
4VCC2
4 V to 13.6 V
Supply pin that provides pre-drive
voltage for the source side.
6 (5)
VCC3
2 V to 13.6 V
Supply pin that provides voltage
for the constant current control
amplifier.
8 (10)
VCC1
4 Vto6 V
Supply pin that provides voltage
for all circuits except the output
transistor, source-side pre-drive,
and constant current control
amplifier.
9(11)
VCOMPO
9 10
VCC1
10k
Ω
150µA
(11, 12)
A06717
V-phase Hall element waveform
Schmitt comparator output pin.
10 (12)
WCOMPO
W-phase Hall element waveform
Schmitt comparator output pin.
12 (13)
UIN1
1.2 V to
VCC1–1 V
12
VCC1
200
Ω
200
Ω
25µA
25µA
(13)
A06718
13
(14)
U-phase Hall element input pin.
Logic HIGH is represented by
UIN1>UIN2.
13 (14)
UIN2
14 (15)
VIN1
1.2 V to
VCC1–1 V
VCC1
200
Ω
200
Ω
25µA
25µA
25µA
A06719
17
15
(16)
16
14
(15)
(17)
(18)
V-phase Hall element input pin,
and V-phase Schmitt comparator
input pin for reverse detection.
Logic HIGH is represented by
VIN1>VIN2.
15 (16)
VIN2
16 (17)
WIN1
W-phase Hall element input pin,
and W-phase Schmitt comparator
input pin for reverse detection.
Logic HIGH is represented by
WIN1>WIN2.
17 (18)
WIN2
18 (19)
VH
VCC1
30k
Ω
2k
Ω
75µA
A06720
18
(19)
This pin provides the lower bias
voltage for the Hall element.
Continued on next page.
LB1895, 1895D
No.5634-7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com