Electronic Components Datasheet Search
  English  ▼

X  

LB1895 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1895
Description  3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1895 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1895 Datasheet HTML 1Page - Sanyo Semicon Device LB1895 Datasheet HTML 2Page - Sanyo Semicon Device LB1895 Datasheet HTML 3Page - Sanyo Semicon Device LB1895 Datasheet HTML 4Page - Sanyo Semicon Device LB1895 Datasheet HTML 5Page - Sanyo Semicon Device LB1895 Datasheet HTML 6Page - Sanyo Semicon Device LB1895 Datasheet HTML 7Page - Sanyo Semicon Device LB1895 Datasheet HTML 8Page - Sanyo Semicon Device LB1895 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC1 max
7
V
Maximum supply voltage 2
VCC2 max
14.4
V
Maximum supply voltage 3
VCC3 max
14.4
V
Applied output voltage
VO max
14.4
V
Applied input voltage
VI max
VCC1V
Output current
IO max
1.0
A
Allowable power dissipation
Pd max
Indepent IC [LB1895]
0.5
W
Glass epoxy board
(114.3
× 762 × 1.5 mm) [LB1895D]
2.4
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Operating Conditions at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC14 to 6
V
VCC2
^ VCC1
4 to 13.6
V
VCC3
2 to 13.6
V
Application Examples at Ta=25 °C
(1) 12 V model
Power supply pins
Conditions
Ratings
Unit
VCC1
REG. voltage
4 to 6
V
VCC2=VCC3
UN-REG. voltage
4 to 13.6
V
(2) 5 V model
Power supply pins
Conditions
Ratings
Unit
VCC1=VCC3
REG. voltage
4 to 6
V
VCC2
Boost voltage or REG. voltage (Note)
4 to 13.6
V
Note: If VCC2 is used as the boost voltage, output with low saturation can be used.
LB1895, 1895D
No.5634-2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com