Electronic Components Datasheet Search
  English  ▼

X  

AD623AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD623AR
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD623AR Datasheet HTML 5Page - Analog Devices AD623AR Datasheet HTML 6Page - Analog Devices AD623AR Datasheet HTML 7Page - Analog Devices AD623AR Datasheet HTML 8Page - Analog Devices AD623AR Datasheet HTML 9Page - Analog Devices AD623AR Datasheet HTML 10Page - Analog Devices AD623AR Datasheet HTML 11Page - Analog Devices AD623AR Datasheet HTML 12Page - Analog Devices AD623AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD623
Rev. D | Page 9 of 24
75
130
125
120
115
110
105
100
95
90
85
80
CMRR (dB)
0
1600
1400
1200
1000
800
600
400
200
Figure 9. Typical Distribution for CMRR (G = 1)
1
100k
10k
1k
100
10
FREQUENCY (Hz)
10
1k
100
G= 1000
G= 100
G= 10
G = 1
Figure 10. Voltage Noise Spectral Density vs. Frequency
4
2
0
–2
–4
CMV (V)
14
15
16
17
18
19
20
21
22
Figure 11. IBIAS vs. CMV, VS = ±5 V
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
0
5
10
15
20
25
30
Figure 12. IBIAS vs. Temperature
11
100
10
FREQUENCY (Hz)
10
1k
100
k
Figure 13. Current Noise Spectral Density vs. Frequency
–4
2
01
–1
–2
–3
CMV (V)
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
Figure 14. IBIAS vs. CMV, VS = ±2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com