Electronic Components Datasheet Search
  English  ▼

X  

AD623AR Datasheet(PDF) 12 Page - Analog Devices

Part # AD623AR
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD623AR Datasheet HTML 8Page - Analog Devices AD623AR Datasheet HTML 9Page - Analog Devices AD623AR Datasheet HTML 10Page - Analog Devices AD623AR Datasheet HTML 11Page - Analog Devices AD623AR Datasheet HTML 12Page - Analog Devices AD623AR Datasheet HTML 13Page - Analog Devices AD623AR Datasheet HTML 14Page - Analog Devices AD623AR Datasheet HTML 15Page - Analog Devices AD623AR Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD623
Rev. D | Page 12 of 24
10
8
6
4
2
0
020
VS = ±5V
VS = ±2.5V
40
60
80
100
FREQUENCY (kHz)
Figure 27. Large Signal Response, G ≤ 10
1k
100
10
1
1
10
100
1k
GAIN (V/V)
Figure 28. Settling Time to 0.01% vs. Gain, for a 5 V Step at Output,
CL = 100 pF, VS = ±5 V
500µV
1V
20µs
Figure 29. Large Signal Pulse Response and Settling Time,
G = −1 (0.250 mV = 0.01%), CL = 100 pF
500µV
1V
10µs
Figure 30. Large Signal Pulse Response and Settling Time,
G = −10 (0.250 mV = 0.01%), CL = 100 pF
10mV
2V
50µs
Figure 31. Large Signal Pulse Response and Settling Time,
G = 100, CL = 100 pF
20mV
2V
500µs
Figure 32. Large Signal Pulse Response and Settling Time,
G = −1000 (5 mV = 0.01%), CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com