Electronic Components Datasheet Search
  English  ▼

X  

AD623AR Datasheet(PDF) 16 Page - Analog Devices

Part # AD623AR
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD623AR Datasheet HTML 12Page - Analog Devices AD623AR Datasheet HTML 13Page - Analog Devices AD623AR Datasheet HTML 14Page - Analog Devices AD623AR Datasheet HTML 15Page - Analog Devices AD623AR Datasheet HTML 16Page - Analog Devices AD623AR Datasheet HTML 17Page - Analog Devices AD623AR Datasheet HTML 18Page - Analog Devices AD623AR Datasheet HTML 19Page - Analog Devices AD623AR Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD623
Rev. D | Page 16 of 24
APPLICATIONS INFORMATION
BASIC CONNECTION
Figure 42 and Figure 43 show the basic connection circuits for
the AD623. The +VS and −VS terminals are connected to the
power supply. The supply can be either bipolar (VS = ±2.5 V to
±6 V) or single supply (−VS = 0 V, +VS = 3.0 V to 12 V). Power
supplies should be capacitively decoupled close to the power pins of
the device. For the best results, use surface-mount 0.1 μF ceramic
chip capacitors and 10 μF electrolytic tantalum capacitors.
RG
RG
VIN
OUTPUT
VOUT
REF
RG
REF (INPUT)
+2.5V TO +6V
+VS
10µF
0.1µF
–2.5V TO –6V
–VS
10µF
0.1µF
Figure 42. Dual-Supply Basic Connection
RG
RG
VIN
OUTPUT
VOUT
REF
RG
REF (INPUT)
+3V TO +12V
+VS
10µF
0.1µF
Figure 43. Single-Supply Basic Connection
The input voltage, which can be either single-ended (tie either
−IN or +IN to ground), or differential is amplified by the
programmed gain. The output signal appears as the voltage
difference between the OUTPUT pin and the externally applied
voltage on the REF input. For a ground-referenced output, REF
should be grounded.
GAIN SELECTION
The gain of the AD623 is resistor programmed by RG, or more
precisely, by whatever impedance appears between Pin 1 and
Pin 8. The AD623 is designed to offer accurate gains using 0.1%
to 1% tolerance resistors. Table 5 shows the required values of
RG for the various gains. Note that for G = 1, the RG terminals
are unconnected (RG = ∞). For any arbitrary gain, RG can be
calculated by
RG
= 100 kΩ/(G − 1)
REFERENCE TERMINAL
The reference terminal potential defines the zero output voltage
and is especially useful when the load does not share a precise
ground with the rest of the system. It provides a direct means of
injecting a precise offset to the output. The reference terminal is
also useful when bipolar signals are being amplified because it
can be used to provide a virtual ground voltage. The voltage on
the reference terminal can be varied from −VS to +VS.
Table 5. Required Values of Gain Resistors
Desired Gain
1% Standard Table Value of RG (Ω)
Calculated Gain Using 1% Resistors
2
100 k
2
5
24.9 k
5.02
10
11 k
10.09
20
5.23 k
20.12
33
3.09 k
33.36
40
2.55 k
40.21
50
2.05 k
49.78
65
1.58 k
64.29
100
1.02 k
99.04
200
499
201.4
500
200
501
1000
100
1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com