Electronic Components Datasheet Search
  English  ▼

X  

AD623AR Datasheet(PDF) 19 Page - Analog Devices

Part # AD623AR
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 19 Page - Analog Devices

Back Button AD623AR Datasheet HTML 15Page - Analog Devices AD623AR Datasheet HTML 16Page - Analog Devices AD623AR Datasheet HTML 17Page - Analog Devices AD623AR Datasheet HTML 18Page - Analog Devices AD623AR Datasheet HTML 19Page - Analog Devices AD623AR Datasheet HTML 20Page - Analog Devices AD623AR Datasheet HTML 21Page - Analog Devices AD623AR Datasheet HTML 22Page - Analog Devices AD623AR Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD623
Rev. D | Page 19 of 24
Ground Returns for Input Bias Currents
Input bias currents are those dc currents that must flow to bias
the input transistors of an amplifier. These are usually transistor
base currents. When amplifying floating input sources, such as
transformers or ac-coupled sources, there must be a direct dc
path into each input in order that the bias current can flow.
Figure 49, Figure 50, and Figure 51 show how a bias current
path can be provided for the cases of transformer coupling,
thermocouple, and capacitive ac coupling. In dc-coupled resistive
bridge applications, providing this path is generally not necessary
as the bias current simply flows from the bridge supply through
the bridge into the amplifier. However, if the impedances that
the two inputs see are large and differ by a large amount (>10 kΩ),
the offset current of the input stage causes dc errors
proportional with the input offset voltage of the amplifier.
AD623
OUTPUT
TO POWER
SUPPLY
GROUND
REF
LOAD
+VS
–VS
2
1
8
3
6
5
7
4
RG
–IN
+IN
Figure 49. Ground Returns for Bias Currents with Transformer-Coupled Inputs
AD623
OTUPUT
TO POWER
SUPPLY
GROUND
REF
LOAD
+VS
–VS
2
1
8
3
6
5
7
4
RG
–IN
+IN
Figure 50. Ground Returns for Bias Currents with Thermocouple Inputs
AD623
OUTPUT
TO POWER
SUPPLY
GROUND
REF
LOAD
+VS
–VS
2
1
8
3
6
5
7
4
RG
–IN
+IN
100kΩ
100kΩ
Figure 51. Ground Returns for Bias Currents with AC-Coupled Inputs
Output Buffering
The AD623 is designed to drive loads of 10 kΩ or greater. If
the load is less than this value, the output of the AD623 should
be buffered with a precision single-supply op amp, such as the
OP113. This op amp can swing from 0 V to 4 V on its output
while driving a load as small as 600 Ω. Table 7 summarizes the
performance of some buffer op amps.
5V
0.1µF
5V
0.1µF
AD623
OP113
RG
VIN
REFERENCE
VOUT
Figure 52. Output Buffering
Table 7. Buffering Options
Op Amp
Description
OP113
Single supply, high output current
OP191
Rail-to-rail input and output, low supply current
Single-Supply Data Acquisition System
Interfacing bipolar signals to single-supply ADCs presents a
challenge. The bipolar signal must be mapped into the input
range of the ADC. Figure 53 shows how this translation can be
achieved.
5V
0.1µF
5V
5V
0.1µF
AD623
RG
1.02kΩ
REFERENCE
±10mV
AIN
REFOUT
REFIN
AD7776
Figure 53. A Single-Supply Data Acquisition System
The bridge circuit is excited by a 5 V supply. The full-scale output
voltage from the bridge (±10 mV) therefore has a common-
mode level of 2.5 V. The AD623 removes the common-mode
component and amplifies the input signal by a factor of 100
(RGAIN = 1.02 kΩ). This results in an output signal of ±1 V. To
prevent this signal from running into the ground rail of the
AD623, the voltage on the REF pin must be raised to at least
1 V. In this example, the 2 V reference voltage from the AD7776
ADC is used to bias the output voltage of the AD623 to 2 V ± 1 V.
This corresponds to the input range of the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com