Electronic Components Datasheet Search
  English  ▼

X  

LB1998 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1998
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1998 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LB1998 Datasheet HTML 1Page - Sanyo Semicon Device LB1998 Datasheet HTML 2Page - Sanyo Semicon Device LB1998 Datasheet HTML 3Page - Sanyo Semicon Device LB1998 Datasheet HTML 4Page - Sanyo Semicon Device LB1998 Datasheet HTML 5Page - Sanyo Semicon Device LB1998 Datasheet HTML 6Page - Sanyo Semicon Device LB1998 Datasheet HTML 7Page - Sanyo Semicon Device LB1998 Datasheet HTML 8Page - Sanyo Semicon Device LB1998 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LB1998
No. 5979-8/9
Pin number
Pin name
Pin voltage
Equivalent circuit
Pin function
23
0V to 3.5V
1
0V to 3.5V
22
PWR GND
21
20
18
R F
25
7
BRAKE
Continued from preceding page
Control reference voltage supply
pin. Determines control start
voltage.
Speed control voltage supply pin
V type control technique
VC > VCREF : Forward
VC < VCREF : Slowdown
(Reverse-blocking circuit
prevents reverse rotation.)
W phase output
Output transistor GND
V phase output
U phase output
Upper side output PNP transistor
collector pin (common for all 3
phases). For current detection,
connect resistor between VCC3
pin and RF pin. Constant current
control and current limiter works
by detecting this voltage.
1 Hall FG/3 Hall FG output,
switching pin:
High –> 3 Hall FG
Low/Open –> 1 Hall FG
Brake mode switching pin
BRAKE:
High –> Short brake
Low/Open –> Reverse brake
Brake mode changes when
VCIN > VCREF.
Continued on next page
VCREF
VCIN
WOUT
VOUT
UOUT
FGSEL
VCC1
23
25
µA
15
µA25µA15µA
68 k
Ω
200
Ω
A11201
VCC1
23
6
µA
6
µA6µA
200
Ω
6 pF
A11202
1
18
PWRGND
VCC2
3.9
Ω
3.9
Ω
20 21 22
A11203
25
VCC1
50 k
Ω
75 k
Ω
A11204
100
µA
3
VCC1
50 k
Ω
75 k
Ω
A11205



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com