Electronic Components Datasheet Search
  English  ▼

X  

LB1998 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1998
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1998 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1998 Datasheet HTML 1Page - Sanyo Semicon Device LB1998 Datasheet HTML 2Page - Sanyo Semicon Device LB1998 Datasheet HTML 3Page - Sanyo Semicon Device LB1998 Datasheet HTML 4Page - Sanyo Semicon Device LB1998 Datasheet HTML 5Page - Sanyo Semicon Device LB1998 Datasheet HTML 6Page - Sanyo Semicon Device LB1998 Datasheet HTML 7Page - Sanyo Semicon Device LB1998 Datasheet HTML 8Page - Sanyo Semicon Device LB1998 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LB1998
No. 5979-3/9
Electrical Characteristics at Ta = 25
°C, V
CC1 = 5V, VCC2 = 12V
Note:
• During S/S OFF (standby), the Hall comparator is at High.
• Gain switching amplifier operated at a factor of 1.
• Design target values are not measured.
ICC1
ICC2
ICC1OQ
ICC2OQ
VCIN = VCREF
VCIN = VCREF
VS/S = 0V
VS/S = 0V
VOU1
VOD1
VCL
IO = –0.5A, VCC1 = 5V, VCC2 = 12V
IO = 0.5A, VCC1 = 5V, VCC2 = 12V
RRF = 0.25Ω
VHCOM
IHIB
VHIN
VCC1–1.0
mVP-P
VS/SH
VS/SL
IS/SI
IS/SL
VS/S = 5V
VS/S = 0V
VCIN pin input current
VCREF pin input current
IVC
IVCREF
GVCO
VCTH
∆V
CTH
VCIN = VCREF = 1.65V
VCIN = VCREF = 1.65V
∆V
RF/∆VC, Note 1
VCREF = 1.65V, Note 1
VCREF = 1.65V, Note 1
VGCOFFSET
GVGC
VGCOM
RINL
FGSEL pin at Low level
RINH
FGSEL pin at High level
IH
VH
TTSD
∆T
TSD
VBRH
VBRL
VFSH
VFSL
VCC1
VCC–0.5
VCC1
IH = 5 mA
min
typ
max
[Power supply current]
Power supply current
8
mA
250
300
mA
Output idle current
200
µA
60
µA
[Output]
Saturation voltage, upper side 1
V
Saturation voltage, lower side 1
0.3
V
Current limiter setting voltage
0.25
V
[Hall amplifier]
Common mode input voltage range
1.2
V
Input bias current
1
µA
Minimum Hall input level
60
[S/S pin]
High level voltage
2.0
V
Low level voltage
0.7
V
Input current
200
µA
Leak current
–30
µA
[Control]
1
µA
1
µA
Voltage gain
0.25
times
Startup voltage
1.55
1.85
V
Startup voltage width
100
200
mV
[Gain switching amplifier]
Input offset voltage
Design target value
–8
+8
mV
OPEN LOOP voltage gain
f = 10 kHz, Design target value
43
dB
Same-phase input voltage range
0
3.5
V
[Hall power supply]
Hall power supply voltage
0.8
V
Allowable current
20
mA
[Thermal shutdown]
Operating temperature
Design target value
150
180
210
°C
Hysterisis
Design target value
15
°C
[Short braking]
Brake pin at High level
4
5
V
Brake pin at Low level
0
1
V
[1 Hall FG/3 Hall FG switching]
4
5
0
1
[Gain switching analog switch]
Analog switch at High level
Analog switch at Low level
0
0.2
Ratings
Parameter
Symbol
Conditions
Unit
1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com