Electronic Components Datasheet Search
  English  ▼

X  

LB1998 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1998
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1998 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1998 Datasheet HTML 1Page - Sanyo Semicon Device LB1998 Datasheet HTML 2Page - Sanyo Semicon Device LB1998 Datasheet HTML 3Page - Sanyo Semicon Device LB1998 Datasheet HTML 4Page - Sanyo Semicon Device LB1998 Datasheet HTML 5Page - Sanyo Semicon Device LB1998 Datasheet HTML 6Page - Sanyo Semicon Device LB1998 Datasheet HTML 7Page - Sanyo Semicon Device LB1998 Datasheet HTML 8Page - Sanyo Semicon Device LB1998 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LB1998
No. 5979-6/9
Sample Application Circuit
1 VCIN
28
ROUT3
2 RIN1
27
ROUT2
3 RIN2
26
ROUT1
4 RIN3
25
FGSEL
5 SIG GND
24
FC
6 S/S
PWR GND
23
VCREF
7 BRAKE
22
WOUT
PWR GND
8 FG
21
VOUT
9 RS
20
UOUT
10 VH
19
VCC2
11 WIN1
18
RF
12 WIN2
17
VCC1
13 VIN1
16
UIN2
14 VIN2
15
UIN1
A11195
Control voltage
Gain switching SW(0V or VCC1)
Gain switching SW(0V or VCC1)
Gain switching SW(0V or VCC1)
Brake mode switching
FG output
0.033
µF
0.033
µF
0.033
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
Reverse detection
S/S
Applying VCC1 to each pin
activates load between
ROUT-VCIN
Power supply voltage
5V
Motor power supply voltage
12V
Hall
element
Control reference voltage
1/3 Hall FG switching
0V or Open:1 Hall FG
VCC1
:3 Hall FG
LB1998



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com