Electronic Components Datasheet Search
  English  ▼

X  

LB1998 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1998
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1998 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1998 Datasheet HTML 1Page - Sanyo Semicon Device LB1998 Datasheet HTML 2Page - Sanyo Semicon Device LB1998 Datasheet HTML 3Page - Sanyo Semicon Device LB1998 Datasheet HTML 4Page - Sanyo Semicon Device LB1998 Datasheet HTML 5Page - Sanyo Semicon Device LB1998 Datasheet HTML 6Page - Sanyo Semicon Device LB1998 Datasheet HTML 7Page - Sanyo Semicon Device LB1998 Datasheet HTML 8Page - Sanyo Semicon Device LB1998 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LB1998
No. 5979-4/9
Truth Table
Pin Assignment
Brake Mode Switching Truth Table
Input:
H: Input 1 is higher in potential than input 2 by at least 0.2V.
L: Input 1 is lower in potential than input 2 by at least 0.2V.
BRAKE pin
L, OPEN
Foward
Reverse brake
H
Foward
Short brake
VCIN
VCIN > VCREF
VCIN < VCREF
1
VCIN
28 ROUT3
2
RIN1
27 ROUT2
3
RIN2
26 ROUT1
4
RIN3
25 FGSEL
5
SIG GND
24 FC
6
S/S
PWR GND
23 VCREF
7
BRAKE
22 WOUT
PWR GND
8
FG
21 VOUT
9
RS
20 UOUT
10
VH
19 VCC2
11
WIN1
18 RF
12
WIN2
17 VCC1
13
VIN1
16 UIN2
14
VIN2
15 UIN1
A11194
Top view
LB1998
Hall input
Control
UV
W
Phase W –> Phase V
H
Phase V –> Phase W
L
Phase W –> Phase U
H
Phase U –> Phase W
L
Phase V –> Phase W
H
Phase W –> Phase V
L
Phase U –> Phase V
H
Phase V –> Phase U
L
Phase V –> Phase U
H
Phase U –> Phase V
L
Phase U –> Phase W
H
Phase W –> Phase U
L
1
2
3
4
5
6
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
L
L
L
Source –> Sink



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com