Electronic Components Datasheet Search
  English  ▼

X  

FM25Q32 Datasheet(PDF) 49 Page - FIDELIX

Part # FM25Q32
Description  32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q32 Datasheet(HTML) 49 Page - FIDELIX

Back Button FM25Q32 Datasheet HTML 45Page - FIDELIX FM25Q32 Datasheet HTML 46Page - FIDELIX FM25Q32 Datasheet HTML 47Page - FIDELIX FM25Q32 Datasheet HTML 48Page - FIDELIX FM25Q32 Datasheet HTML 49Page - FIDELIX FM25Q32 Datasheet HTML 50Page - FIDELIX FM25Q32 Datasheet HTML 51Page - FIDELIX FM25Q32 Datasheet HTML 52Page - FIDELIX FM25Q32 Datasheet HTML 53Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
preliminary(Aug.18.2010)
49
FM25Q32
12. ELECTRICAL CHARACTERISTICS
12.1 Absolute Maximum Ratings
(1)
PARAMETERS
SYMBOL
CONDITIONS
RANGE
UNIT
Supply Voltage
VCC
-0.6 to +4.0
V
Voltage Applied to Any Pin
VIO
Relative to Ground
-0.6 to VCC +0.4
V
Transient Voltage on any Pin
VIOT
<20nS Transient
Relative to Ground
-2.0V to VCC +2.0V
V
Storage Temperature
TSTG
-65
to +150
˚C
Lead Temperature
TLEAD
See Note
(3)
˚C
Electrostatic Discharge
Voltage
VESD
Human
Body Model
(4)
-2000 to +2000
V
Notes:
1. Specification for FM25Q32 is preliminary. See preliminary designation at the end of this
document.
2. This device has been designed and tested for the specified operation ranges. Proper operation
outside of these levels is not guaranteed. Exposure to absolute maximum ratings may affect
device reliability. Exposure beyond absolute maximum ratings may cause permanent damage.
3. Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly
and the European directive on restrictions on hazardous substances (RoHS) 2002/95/EU.
4. JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms).
12.2 Operating Ranges
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Erase/Program
Cycles
VCC
FR1 = 85MHz (Single/Dual/Quad SPI)
FR2 = 104MHz (Single/Dual/Quad SPI)
fR = 50MHz (Read Data 03h)
2.7
3.0
2.7
3.6
V
Temperature,Op
erating
Tj
Industrial
-40
+85
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com