Electronic Components Datasheet Search
  English  ▼

X  

FM25Q32 Datasheet(PDF) 22 Page - FIDELIX

Part # FM25Q32
Description  32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q32 Datasheet(HTML) 22 Page - FIDELIX

Back Button FM25Q32 Datasheet HTML 18Page - FIDELIX FM25Q32 Datasheet HTML 19Page - FIDELIX FM25Q32 Datasheet HTML 20Page - FIDELIX FM25Q32 Datasheet HTML 21Page - FIDELIX FM25Q32 Datasheet HTML 22Page - FIDELIX FM25Q32 Datasheet HTML 23Page - FIDELIX FM25Q32 Datasheet HTML 24Page - FIDELIX FM25Q32 Datasheet HTML 25Page - FIDELIX FM25Q32 Datasheet HTML 26Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
preliminary(Aug.18.2010)
22
FM25Q32
11.2.8 Write Status Register (01h)
The Write Status Register instruction allows the Status Register to be written. A Write Enable
instruction must previously have been executed for the device to accept the Write Status Register
Instruction (Status Register bit WEL must equal 1). Once write is enabled, the instruction is entered
by driving /CS low, sending the instruction code “01h”, and then writing the status register data byte
or word as illustrated in figure 8. The Status Register bits are shown in figure 3 and described
earlier in this datasheet.
Only non-volatile Status Register bits SRP0, SEC, TB, BP2, BP1, BP0 (bits 7, 5, 4, 3, 2 of Status
Register-1) and QE, SRP1 (bits 9 and 8 of Status Register-2) can be written to. All other Status
Register bit locations are read-only and will not be affected by the Write Status Register instruction.
The /CS pin must be driven high after the eighth or sixteenth bit of data that is clocked in. If this is
not done the Write Status Register instruction will not be executed. If /CS is driven high after the
eighth clock, the QE and SRP1 bits will be
cleared to 0. After /CS is driven high, the self-timed
Write Status Register cycle will commence for a time duration of tw (See AC Characteristics). While
the Write Status Register cycle is in progress, the Read Status Register instruction may still be
accessed to check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status Register
cycle and a 0 when the cycle is finished and ready to accept other instructions again. After the
Write Status Register cycle has finished, The Write Enable Latch (WEL) bit in Status Register will
be cleared to 0.
The Write Status Register instruction allows the Block Protect bits (SEC, TB, BP2, BP1 and BP0)
to be set for protecting all, a portion, or none of the memory from erase and program instructions.
Protected areas become read-only (see Status Register Memory Protection table and description).
The Write Status Register instruction also allows the Status Register Protect bits (SRP0, SRP1) to
be set. Those bits are used in conjunction with the Write protect (/WP) pin, Lock out or OTP
features to disable writes to the status register. Please refer to 11.1.16 for detailed descriptions
Status Register protection methods. Factory default all Status Register bits are 0.
0
6
5
4
3
2
1
7
/CS
DI
CLK Mode 0
Mode 3
Instruction (01h)
High Impedance
DO
10
9
8
11 12
13 14 15 16
17 18 19 20 21 22
23
Mode 0
Mode 3
Status Register1 In
7
6
5
4
3
2
X
X
X
X
X
X
9
8
=MSB
X
X
Status Register2 In
Figure 8. Write Status Register Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com