Electronic Components Datasheet Search
  English  ▼

X  

FM25Q32 Datasheet(PDF) 33 Page - FIDELIX

Part # FM25Q32
Description  32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q32 Datasheet(HTML) 33 Page - FIDELIX

Back Button FM25Q32 Datasheet HTML 29Page - FIDELIX FM25Q32 Datasheet HTML 30Page - FIDELIX FM25Q32 Datasheet HTML 31Page - FIDELIX FM25Q32 Datasheet HTML 32Page - FIDELIX FM25Q32 Datasheet HTML 33Page - FIDELIX FM25Q32 Datasheet HTML 34Page - FIDELIX FM25Q32 Datasheet HTML 35Page - FIDELIX FM25Q32 Datasheet HTML 36Page - FIDELIX FM25Q32 Datasheet HTML 37Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
preliminary(Aug.18.2010)
33
FM25Q32
11.2.17 32KB Block Erase (52h)
The Block Erase instruction sets all memory within a specified block (32k-bytes) to the erased state
of all 1s (FFh). A Write Enable instruction must be executed before the device will accept the Block
Erase Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the
/CS pin low and shifting the instruction code “52h” followed a 24-bit block address (A23-A0). The
Block Erase instruction sequence is shown in figure 17.
The /CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not
done the Block Erase instruction will not be executed. After /CS is driven high, the self-timed Block
Erase instruction will commence for a time duration of tBE1 (See AC Characteristics). While the
Block Erase cycle is in progress, the Read Status Register instruction may still be accessed for
checking the status of the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and
becomes a 0 when the cycle is finished and the device is ready to accept other instructions again.
After the Sector Erase cycle has finished the Write Enable Latch (WEL) bit in Status Register is
cleared to 0.The Block Erase instruction will not be executed if the addressed page is protected by
the Block Protect (SEC, TB, BP2, BP1, and BP0) bits (see Status Register Memory Protection
table).
Figure 17. 32KB Block Erase Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com