Electronic Components Datasheet Search
  English  ▼

X  

ZTL431 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZTL431
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL431 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZTL431 Datasheet HTML 1Page - Diodes Incorporated ZTL431 Datasheet HTML 2Page - Diodes Incorporated ZTL431 Datasheet HTML 3Page - Diodes Incorporated ZTL431 Datasheet HTML 4Page - Diodes Incorporated ZTL431 Datasheet HTML 5Page - Diodes Incorporated ZTL431 Datasheet HTML 6Page - Diodes Incorporated ZTL431 Datasheet HTML 7Page - Diodes Incorporated ZTL431 Datasheet HTML 8Page - Diodes Incorporated ZTL431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZTL431/ZTL432
ZTL431/ZTL432
Document number: DS33263 Rev. 15 - 2
5 of 9
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Circuits
VON~ 2V
VOFF =V+
VTH =2.5V
Output
V+
Input
R1
R2
VOUT
VOUT
V+
VREF
VREF
R1
R2
VOUT
VOUT
V+
VREF
VREF
R1
R2
VOUT
VOUT
V+
VREF
VREF
VOUT(MIN) =VREF +VREG
In
Out
Common
ZSR***
0.01µF
30
Ω
R1
R2
VREF
V+
VOUT
VOUT
VREF
R1
R1
R2b
R2a
VREF
VREF
VREF
VREF
V+
Output
Shunt regulator
Output control of a three
terminal fixed regulator
Single supply comparator
with temperature
compensated threshold
Higher current shunt
regulator
Series regulator
Over voltage / under voltage
protection circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com