Electronic Components Datasheet Search
  English  ▼

X  

ZTL431 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZTL431
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL431 Datasheet(HTML) 8 Page - Diodes Incorporated

  ZTL431 Datasheet HTML 1Page - Diodes Incorporated ZTL431 Datasheet HTML 2Page - Diodes Incorporated ZTL431 Datasheet HTML 3Page - Diodes Incorporated ZTL431 Datasheet HTML 4Page - Diodes Incorporated ZTL431 Datasheet HTML 5Page - Diodes Incorporated ZTL431 Datasheet HTML 6Page - Diodes Incorporated ZTL431 Datasheet HTML 7Page - Diodes Incorporated ZTL431 Datasheet HTML 8Page - Diodes Incorporated ZTL431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ZTL431/ZTL432
ZTL431/ZTL432
Document number: DS33263 Rev. 15 - 2
8 of 9
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Package Outline Dimensions (continued)
SOT23F
D
L1
c
A1
b
R
bb
E1
E
e1
e
L
A
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min. Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
0.80 1.00 0.031 0.0394
E
2.30
2.50 0.0906 0.0984
A1
-
0.10
0.00 0.0043
E1
1.50
1.70 0.0590 0.0669
A2
0.06 0.16 0.0024 0.0006
E2
1.10
1.26 0.0433 0.0496
b
0.39 0.41 0.0153 0.0161
L
0.48
0.68 0.0189 0.0268
c
0.11 0.20 0.0043 0.0079
L1
0.39
0.41 0.0153 0.0161
D
2.80 3.00 0.1102 0.1181
R
0.05
0.15 0.0019 0.0059
e
0.95 ref
0.0374 ref
O
0°
12°
0°
12°
e1
1.90 ref
0.7480 ref
-
-
-
-
-
Note: Controlling dimensions are in millimeters.
Approximate dimensions are provided in inches
TO92
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.32
4.95
0.170
0.195
b
0.36
0.51
0.014
0.020
C
2.50
3.50
0.099
0.138
E
3.30
3.94
0.130
0.155
e
4.88
5.88
0.192
0.232
e1
2.44
2.94
0.096
0.116
L
12.70
15.49
0.500
0.610
R
2.16
2.41
0.085
0.095
S1
1.14
1.52
0.045
0.060
W
0.41
0.56
0.016
0.022
D
4.45
4.95
0.175
0.195
*°
4°
6°
4°
6°
Note: Controlling dimensions are in millimeters.
Approximate dimensions are provided in inches
SOT23-5
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.90
1.45
0.0354
0.0570
A1
0.00
0.15
0.00
0.0059
A2
0.90
1.30
0.0354
0.0511
b
0.20
0.50
0.0078
0.0196
C
0.09
0.26
0.0035
0.0102
D
2.70
3.10
0.1062
0.1220
E
2.20
3.20
0.0866
0.1181
E1
1.30
1.80
0.0511
0.0708
e
0.95 REF
0.0374 REF
e1
1.90 REF
0.0748 REF
L
0.10
0.60
0.0039
0.0236
a°
0°
30°
0°
30°
Note: Controlling dimensions are in millimeters.
Approximate dimensions are provided in inches



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com