Electronic Components Datasheet Search
  English  ▼

X  

ZTL431 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTL431
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL431 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTL431 Datasheet HTML 1Page - Diodes Incorporated ZTL431 Datasheet HTML 2Page - Diodes Incorporated ZTL431 Datasheet HTML 3Page - Diodes Incorporated ZTL431 Datasheet HTML 4Page - Diodes Incorporated ZTL431 Datasheet HTML 5Page - Diodes Incorporated ZTL431 Datasheet HTML 6Page - Diodes Incorporated ZTL431 Datasheet HTML 7Page - Diodes Incorporated ZTL431 Datasheet HTML 8Page - Diodes Incorporated ZTL431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ZTL431/ZTL432
ZTL431/ZTL432
Document number: DS33263 Rev. 15 - 2
1 of 9
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
Description
The ZTL431 and ZTL432 are three terminal adjustable
shunt regulators offering excellent temperature stability and
output current handling capability up to 100mA. The output
voltage may be set to any chosen voltage between 2.5 and
20 volts by selection of two external divider resistors.
The devices can be used as a replacement for zener
diodes in many applications requiring an improvement in
zener performance.
The ZTL432 has the same electrical specifications as the
ZTL431 but has a different pin out in SOT23 (F-suffix) and
SOT23F (FF-suffix).
Both variants are available in 2 grades with initial
tolerances of 1% and 0.5% for the A and B grades
respectively.
These are functionally equivalent to the TL431/ TL432
except for maximum operation voltage, and have an
ambient temperature range of -40 to 125°C as standard.
Pin Assignments
ZTL431_F SOT23, ZTL431_FF SOT23F
(Top View)
ZTL432_F SOT23, ZTL432_FF SOT23F
(Top View)
ZTL431_H6, SC70-6
(Top View)
†Connected internally to substrate;
should be left floating or connected to Anode
ZTL431ASE5 SOT235
(Top View)
ZTL431_E5 SOT235
(Top View)
*must be left floating or
connected to pin 5
Features
•
Temperature range ................ -40 to 125°C
•
Reference voltage tolerance at 25°C
o
0.5%.......................................B grade
o
1% .........................................A grade
•
0.2
Ω typical output impedance
•
Sink current capability…….. 1mA to 100mA
•
Adjustable output voltage……VREF to 20V
Applications
•
Opto-coupler linearization
•
Linear regulators
•
Improved zener
•
Variable reference
Anode
Cathode
Ref
2
1
3
Anode
Cathode
Ref
2
1
3
Anode
Cathode
Ref
2
1
3
Cathode
Ref
N/C
†
N/C
†
NC
Anode
3
2
1
4
5
6
Cathode
2
Anode
Cathode
N/C
3
1
5
4
Ref
N/C
2
Anode
Cathode
N/C
3
1
5
4 Ref
N/C*


Similar Part No. - ZTL431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
Cost effective adjustable precision shunt regulator
ZTL431 ZETEX-ZTL431 Datasheet
433Kb / 12P
Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
209Kb / 2P
Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
Rev erse
ZTL431 DIODES-ZTL431 Datasheet
445Kb / 12P
COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 18
logo
Zetex Semiconductors
ZTL431ACSTZ ZETEX-ZTL431ACSTZ Datasheet
422Kb / 12P
Cost effective adjustable precision shunt regulator
More results

Similar Description - ZTL431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
1.24V Cost effective shunt regulator
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
Cost effective adjustable precision shunt regulator
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
1.24V Cost effective shunt regulator
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
1.24V Cost effective shunt regulator
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
1.24V COST EFFECTIVE SHUNT REGULATOR
Rev 4
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
1.24V Cost effective shunt regulator
APRIL 2008
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com