Electronic Components Datasheet Search
  English  ▼

X  

ZTL431 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZTL431
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL431 Datasheet(HTML) 7 Page - Diodes Incorporated

  ZTL431 Datasheet HTML 1Page - Diodes Incorporated ZTL431 Datasheet HTML 2Page - Diodes Incorporated ZTL431 Datasheet HTML 3Page - Diodes Incorporated ZTL431 Datasheet HTML 4Page - Diodes Incorporated ZTL431 Datasheet HTML 5Page - Diodes Incorporated ZTL431 Datasheet HTML 6Page - Diodes Incorporated ZTL431 Datasheet HTML 7Page - Diodes Incorporated ZTL431 Datasheet HTML 8Page - Diodes Incorporated ZTL431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ZTL431/ZTL432
ZTL431/ZTL432
Document number: DS33263 Rev. 15 - 2
7 of 9
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
Tol.
Ordering Code
Pack
Part Mark
Status*
Reel Size
Tape Width
(mm)
Quantity
per Reel
1%
ZTL431AE5TA
SOT23-5
31A
Active
7”, 180mm
8
3000
ZTL431AFFTA
SOT23F
31A
Active
7”, 180mm
8
3000
ZTL431AFTA
SOT23
31A
Active
7”, 180mm
8
3000
ZTL431AH6TA
SC70-6
31A
Active
7”, 180mm
8
3000
ZTL431ASE5TA
SOT23-5
S2A
Active
7”, 180mm
8
3000
ZTL432AFFTA
SOT23F
32A
Active
7”, 180mm
8
3000
ZTL432AFTA
SOT23
32A
Active
7”, 180mm
8
3000
0.5%
ZTL431BE5TA
SOT23-5
31B
Active
7”, 180mm
8
3000
ZTL431BFFTA
SOT23F
31B
Active
7”, 180mm
8
3000
ZTL431BFTA
SOT23
31B
Active
7”, 180mm
8
3000
ZTL431BH6TA
SC70-6
31B
Active
7”, 180mm
8
3000
ZTL432BFFTA
SOT23F
32B
Active
7”, 180mm
8
3000
ZTL432BFTA
SOT23
32B
Active
7”, 180mm
8
3000
Package Outline Dimensions
SOT23
E
e
L
e1
D
A
c
E1
L1
A1
b
3leads
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min. Max.
Min.
Max.
Min. Max. Max. Max.
A
-
1.12
-
0.044 e1
1.90 NOM
0.075 NOM
A1
0.01
0.10
0.0004 0.004
E
2.10
2.64 0.083 0.104
b
0.30
0.50
0.012 0.020 E1
1.20
1.40 0.047 0.055
C
0.085 0.120
0.003 0.008
L
0.25
0.62 0.018 0.024
D
2.80
3.04
0.110
0.120 L1
0.45
0.62 0.018 0.024
e
0.95 NOM 0.0375 NOM
-
-
-
-
-
Note: Controlling dimensions are in millimeters.
Approximate dimensions are provided in inches
SC70-6
a
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min. Max. Min.
Max.
Min. Max. Max.
Max.
A
0.80
1.10 0.0315 0.0433
E
2.10 BSC
0.0826 BSC
A1
-
0.10
-
0.0039 E1
1.25 1.35 0.0492 0.0531
A2
0.80
1.00 0.0315 0.0394
e
0.65 BSC
0.0255 BSC
b
0.15
0.30 0.006 0.0118 e1
1.30 BSC
0.0511 BSC
C
0.08
0.25 0.0031 0.0098
L
0.26 0.46 0.0102 0.0181
D
2.00 BSC
0.0787 BSC
a
0°
8°
0°
8°
Note: Controlling dimensions are in millimeters.
Approximate dimensions are provided in
inches



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com