Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1032 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXCT1032
Description  High-side inrush controller and electronic fuse
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1032 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXCT1032 Datasheet HTML 1Page - Diodes Incorporated ZXCT1032 Datasheet HTML 2Page - Diodes Incorporated ZXCT1032 Datasheet HTML 3Page - Diodes Incorporated ZXCT1032 Datasheet HTML 4Page - Diodes Incorporated ZXCT1032 Datasheet HTML 5Page - Diodes Incorporated ZXCT1032 Datasheet HTML 6Page - Diodes Incorporated ZXCT1032 Datasheet HTML 7Page - Diodes Incorporated ZXCT1032 Datasheet HTML 8Page - Diodes Incorporated ZXCT1032 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXCT1032
Issue 4 - June 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
(TA = 25°C and VIN+ = 20V unless otherwise stated)
ICT-CHG vs temperature
-250
-225
-200
-175
-150
-125
-100
-75
-50
-25
0
-40
-15
10
35
60
85
Temperature (°C)
VIN+ = 9.5 to 21V
ICT-DIS vs temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-15
10
35
60
85
Temperature (C)
VIN+ = 9.5 to 21V
ICT-DIS vs input voltage
3.70
3.71
3.72
3.73
3.74
3.75
9
111315
171921
Input voltage (V)
TA=25°C
ICT-CHG vs input voltage
-208
-207.5
-207
-206.5
911
13
15
17
19
21
Input voltage (V)
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com