Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1032 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCT1032
Description  High-side inrush controller and electronic fuse
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1032 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXCT1032 Datasheet HTML 2Page - Diodes Incorporated ZXCT1032 Datasheet HTML 3Page - Diodes Incorporated ZXCT1032 Datasheet HTML 4Page - Diodes Incorporated ZXCT1032 Datasheet HTML 5Page - Diodes Incorporated ZXCT1032 Datasheet HTML 6Page - Diodes Incorporated ZXCT1032 Datasheet HTML 7Page - Diodes Incorporated ZXCT1032 Datasheet HTML 8Page - Diodes Incorporated ZXCT1032 Datasheet HTML 9Page - Diodes Incorporated ZXCT1032 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXCT1032
Issue 4 - June 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Application information
ZXCT1032 block diagram and description
Operation of the ZXCT1032
1 After power-up, the timing capacitor (CT) is charged up by a 200µA current source. This causes
the output amplifier's drive pin to fall in voltage, progressively turning on the PMOS transistor.
The load current is monitored by the current monitor and the amplifier control loop controls
the load current allowing it to increase gradually (soft-start mode) as the voltage on CT
increases. During the soft-start phase the load current will start to build up while there is a
large voltage across the pass MOSFET; this can lead to large power dissipation if large
capacitive loads are driven and/or large CT is used.
ZXCT1032
Load
Flag
Drive
IN+
IN-
C
T
C
T
GND
ISET
200 A
3.3 A
2.1V
80mV
(1)
(2)
(3)
(4)
(5)
(6)
(8)
R
SENSE
I
CT-CHG
I
CT DIS
50k
-
-
+
+
+
+
-
-
-
-
ZXCT1032 Start up characteristic
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
time - ms
0
0.2
0.4
0.6
0.8
1
1.2
VISET
VCT
10*VSENSE
ILOAD
VIN+ = 18V
RSENSE = 0.2
CT = 220nF
VISET = 2.1V
Trip current = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com