Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1032 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXCT1032
Description  High-side inrush controller and electronic fuse
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1032 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXCT1032 Datasheet HTML 2Page - Diodes Incorporated ZXCT1032 Datasheet HTML 3Page - Diodes Incorporated ZXCT1032 Datasheet HTML 4Page - Diodes Incorporated ZXCT1032 Datasheet HTML 5Page - Diodes Incorporated ZXCT1032 Datasheet HTML 6Page - Diodes Incorporated ZXCT1032 Datasheet HTML 7Page - Diodes Incorporated ZXCT1032 Datasheet HTML 8Page - Diodes Incorporated ZXCT1032 Datasheet HTML 9Page - Diodes Incorporated ZXCT1032 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZXCT1032
Issue 4 - June 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
2 The output voltage also increases due to the load current powering up the load and charging
any capacitance. After the initial soft start (load current stabilizing) the timing capacitor
charges up to 4V and the device enters its normal mode of operation. The external MOSFET
will be now fully enhanced minimizing any serial voltage drop.
The ZXCT1032 has now entered its over-current detector mode; it is effectively “transparent”
to the load until the current monitor output exceeds the trip point.
3 Fuse operation is provided by the trip comparator whose threshold voltage is set by VISET
(internally nominally 2.1V, although this threshold can easily be overdriven). As the load
current increases, so does the monitor voltage. When the current monitor output voltage
exceeds VISET, the trip comparator output goes high and sets the latch with the following
results:
a The output drive is disabled.
b The open collector Flag output goes low to indicate a fault condition.
c
The 200 A current source is turned off and CT starts to discharge slowly via a 3.3 A current
source.
ZXCT1032 Normal Operation
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
Time ms
0
0.2
0.4
0.6
0.8
1
VCT
ILOAD
VIN+ = 18V
RSENSE = 0.2
Ω
CT = 220nF
VISET = 2.1V
Trip current = 1A
10*VSENSE
VISET
VLOAD
ZXCT1032 Timing in over-current condition
0
0.5
1
1.5
2
2.5
0
5
1
0
0
1
0
5
0
Time (ms)
0
0.5
1
1.5
2
2.5
VIN+
= 18 V
RSENSE
= 0.2
ILOAD
> 1 A
CT
= 220 nF
VISET
= 2.1 V
Trip current = 1 A
VISET
VCT
ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com