Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1032 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1032
Description  High-side inrush controller and electronic fuse
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1032 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1032 Datasheet HTML 1Page - Diodes Incorporated ZXCT1032 Datasheet HTML 2Page - Diodes Incorporated ZXCT1032 Datasheet HTML 3Page - Diodes Incorporated ZXCT1032 Datasheet HTML 4Page - Diodes Incorporated ZXCT1032 Datasheet HTML 5Page - Diodes Incorporated ZXCT1032 Datasheet HTML 6Page - Diodes Incorporated ZXCT1032 Datasheet HTML 7Page - Diodes Incorporated ZXCT1032 Datasheet HTML 8Page - Diodes Incorporated ZXCT1032 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 4 - June 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXCT1032
High-side inrush controller and electronic fuse
Description
Ordering information
The ZXCT1032 is a high-side current monitor
that drives a PMOS or PNP transistor to
provide in-rush current limit and over-current
protection. The ZXCT1032 includes a high
accuracy high-side current monitor, a start-up
timer and a re-try inhibit timer.
The ZXCT1032 takes the voltage developed
across a current shunt resistor and compares
this with an externally set trip point. It works
in three modes:
•
Linear soft-start
•
Over-current detector
•
Over-current disconnect/fuse
Linear soft-start
Upon power up the ZXCT1032 enters a linear
soft-start mode. During which the output
current ramps up from zero to a maximum
user defined trip point. The trip point is set by
the voltage on ISET pin and RSENSE.
The ramp rate is determined by capacitor CT.
The soft start ensures that capacitive loads are
smoothly charged without causing excessive
power supply startup transients.
Over-current detectior
When external capacitor CT has charged up
above the VISET the ZXCT1032 switches from its
soft-start mode to its over-current detection
mode. During this mode the external MOSFET
will be fully enhanced reducing the its voltage
drop and power dissipation.
While in this mode the internal current monitor
continually checks the output current and
compares it to the trip-current level determined
by VISET.
Over-current disconnect/fuse
If the trip current limit is exceeded at any time the
ZXCT1032 enters its Over-current disconnect
mode. The drive pin is driven high, turning the
pass MOSFET off; the flag output goes low
indicating a fault.
The drive and flag outputs are latched in these
states for a period determined by CT, VISET and the
internally set discharge current (3µA typical). After
CT has discharged to 80mV the ZXCT1032 will
restart into its linear soft-start mode.
The CT charge and discharge times have been
ratioed to so that the power dissipation in the
pass MOSFET should allow indefinite operation
in the event of a continuous load failure.
Pin 3 description:
Determines the load current trip level or
constant current level. ISET can be left open
circuit (internal 2.1V reference) or driven via a
DC voltage or µC PWM output. Its source
impedance is 50k .
Features
•
Accurate high-side current sensing
•
User defined and dynamically adjustable
trip current
•
Load switch control
•
Fault flag logic output
•
User defined ramp and inhibit timers
•
SO8 package
•
Temperature range -40 to 85°C
Applications
•
Electronic fuse
•
Short circuit protected supply feed
•Hot swap
•
Power over twisted pair
Order code
Pack
Part mark
Reel size
Tape width
Quantity per reel
ZXCT1032N8TA
SO8
1032
7”
12mm
500


Similar Part No. - ZXCT1032

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1032 ZETEX-ZXCT1032 Datasheet
332Kb / 10P
High-side inrush controller and electronic fuse
ZXCT1032N8TA ZETEX-ZXCT1032N8TA Datasheet
332Kb / 10P
High-side inrush controller and electronic fuse
More results

Similar Description - ZXCT1032

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680 Datasheet
279Kb / 8P
Electronic Resettable Fuse
logo
ON Semiconductor
NIS5112 ONSEMI-NIS5112 Datasheet
96Kb / 9P
Electronic Fuse
November, 2006 ??Rev. 4
NIS5112 ONSEMI-NIS5112_07 Datasheet
96Kb / 9P
Electronic Fuse
March, 2007 ??Rev. 5
logo
Advanced Analog Technol...
AAT4680 AAT-AAT4680 Datasheet
216Kb / 10P
Electronic Resettable Fuse
4680.2006.05.1.2
logo
Zetex Semiconductors
ZXCT1032 ZETEX-ZXCT1032 Datasheet
332Kb / 10P
High-side inrush controller and electronic fuse
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
Electronic Resettable Fuse
logo
ON Semiconductor
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5112 ONSEMI-NIS5112_11 Datasheet
415Kb / 9P
Electronic Fuse
January, 2011 ??Rev. 9
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
High Power Digital Inrush Current Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com