Electronic Components Datasheet Search
  English  ▼

X  

ZXFV4089 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXFV4089
Description  Video amplifier with DC restoration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4089 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXFV4089 Datasheet HTML 4Page - Diodes Incorporated ZXFV4089 Datasheet HTML 5Page - Diodes Incorporated ZXFV4089 Datasheet HTML 6Page - Diodes Incorporated ZXFV4089 Datasheet HTML 7Page - Diodes Incorporated ZXFV4089 Datasheet HTML 8Page - Diodes Incorporated ZXFV4089 Datasheet HTML 9Page - Diodes Incorporated ZXFV4089 Datasheet HTML 10Page - Diodes Incorporated ZXFV4089 Datasheet HTML 11Page - Diodes Incorporated ZXFV4089 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZXFV4089
Issue 4 - December 2008
8
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Figure 3 shows a portion of a typical video waveform, where the sample pulse is synchronised to
fall within the back porch interval. This can for example be achieved using the Zetex ZXFV4583
sync separator to derive the pulse as in the evaluation circuit described in the data sheet for that
part. Again, during the logic LOW period of the HOLD input, the waveform is driven towards VREF.
Eventually, after a few line scans, the video waveform is stabilised with the back porch level equal
to VREF and this condition is maintained despite any small changes in the input waveform.
In the video application, the HOLD input state will be HIGH during the picture line sweep and a
negative-going sampling pulse of typically 1.2µs duration will be applied during a central portion
of the back porch interval, so that the back porch or 'Black' level is clamped to VREF (typically
ground).
Figure 3 Response to typical video signal
If desired, by changing the external pulse timing the signal may be restored such that the sync tip
voltage is clamped to VREF instead of the back porch.
In either case, for each line scan, this gives a brightness level consistent with that of the original
camera signal, despite the AC coupling. The value of the coupling capacitor affects two main
characteristics of the circuit:
1. DC level acquisition change
2. DC level droop
DC level acquisition change
In the restore mode the available charging current, together with the capacitor value, determines
the maximum DC voltage correction which can be applied at each sample. For a charging current
limit of 300µA applied for 1.2µs, the charge injected is:
Qmax = 300µA x 1.2µs = 360pC
Then the maximum voltage shift correction is:
Vmax = Qmax/C = 360pC / 0.01µF
= 36mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com