Electronic Components Datasheet Search
  English  ▼

X  

ZXFV4089 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXFV4089
Description  Video amplifier with DC restoration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4089 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXFV4089 Datasheet HTML 1Page - Diodes Incorporated ZXFV4089 Datasheet HTML 2Page - Diodes Incorporated ZXFV4089 Datasheet HTML 3Page - Diodes Incorporated ZXFV4089 Datasheet HTML 4Page - Diodes Incorporated ZXFV4089 Datasheet HTML 5Page - Diodes Incorporated ZXFV4089 Datasheet HTML 6Page - Diodes Incorporated ZXFV4089 Datasheet HTML 7Page - Diodes Incorporated ZXFV4089 Datasheet HTML 8Page - Diodes Incorporated ZXFV4089 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Issue 4 - December 2008
1
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
A Product Line of
Diodes Incorporated
ZXFV4089
Video amplifier with DC restoration
Description
Ordering information
The
ZXFV4089
is
a
DC
restored
video
amplifier (black-level clamp) in an 8 pin SOIC
package. It integrates a high performance
video amplifier with a nulling sample and
hold amplifier specially designed to provide
brightness level stability.
The input video signal is AC coupled to the
main amplifier and this AC coupling capacitor
also acts as the holding capacitor for the
sample and hold amplifier. This configuration
reduces
both
pin
count
and
external
components over traditional solutions.
Typically, during the back-porch interval of an
analog video waveform the sample and hold
amplifier forces the input of the video
amplifier to the reference voltage.
The video waveform is now referenced to the
new reference voltage for the remainder of the
line-scan interval.
The video amplifier has been optimised for
video applications and as such drives back-
terminated 75
loads with good differential
gain and phase errors. The current feedback
architecture allows the bandwidth to remain
fixed over a wide range of gains, and is set by
two external resistors.
The ZXFV4089 is specified for operation at ±5V
and over the -40°C to +85°C temperature range
and is pin compatible with the industry standard
EL4089.
Features
•
Complete analog video DC level
restoration system
•
Supports various TV systems
•
PAL, NTSC, SECAM
•
Excellent video performance
•
0.08% differential gain
•
0.1° differential phase
•
30 MHz 0.1 dB bandwidth
•
210 MHz -3 dB bandwidth
•
400V/ms slewrate
•
TTL/CMOS logic compatible HOLD input
•
Pin and function compatible with industry
standard EL4089
Applications
•
Black level clamp, providing stable intensity
in video systems such as:
•
cameras
•
image capture
•
video mixing
•displays
•
DC restoration of other high frequency
signals
Figure 1 Pin connection diagram
Part number
Reel size
(inches)
Quantity
per reel
Device
marking
ZXFV4089N8TA
7
500
4089
ZXFV4089N8TC
13
2500
4089


Similar Part No. - ZXFV4089

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
179Kb / 9P
VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089N8TA ZETEX-ZXFV4089N8TA Datasheet
53Kb / 5P
VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089N8TA ZETEX-ZXFV4089N8TA Datasheet
53Kb / 5P
VIDEO AMPLIFIER WITH DC RESTORATION
More results

Similar Description - ZXFV4089

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC615 BURR-BROWN-SHC615 Datasheet
299Kb / 19P
Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
DC Restored Video Amplifier
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
VIDEO AMPLIFIER WITH DC RESTORATION
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
VIDEO AMPLIFIER WITH DC RESTORATION
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com