Electronic Components Datasheet Search
  English  ▼

X  

ZXFV4089 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXFV4089
Description  Video amplifier with DC restoration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4089 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXFV4089 Datasheet HTML 1Page - Diodes Incorporated ZXFV4089 Datasheet HTML 2Page - Diodes Incorporated ZXFV4089 Datasheet HTML 3Page - Diodes Incorporated ZXFV4089 Datasheet HTML 4Page - Diodes Incorporated ZXFV4089 Datasheet HTML 5Page - Diodes Incorporated ZXFV4089 Datasheet HTML 6Page - Diodes Incorporated ZXFV4089 Datasheet HTML 7Page - Diodes Incorporated ZXFV4089 Datasheet HTML 8Page - Diodes Incorporated ZXFV4089 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZXFV4089
Issue 4 - December 2008
4
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
AC electrical characteristics
VCC = 5V, VEE = -5V, RF = 470V, G = 2, RLOAD = 150V, CLOAD = 10 pF, Tamb = 25°C unless otherwise stated.
(1) The voltage at the input to pin 2 should be limited to +2.7V for the best DC restoration accuracy. See later explanation
under ‘Common-mode input range.’
Parameter
Conditions
Min.
Typ.
Max. Unit
Amplifier section HOLD = high unless otherwise stated
SR
Slew rate
VOUT = 2VPP
400
V/µs
BW-3
Bandwidth, -3dB
VOUT = 0.2VPP, G = 2
210
MHz
BW-3
Bandwidth, -3dB
VOUT = 0.2VPP, G = 1, RF = 820V
210
MHz
BW0.1
Bandwidth, ±0.1dB
VOUT = 0.2VPP
30
MHz
dG
Differential gain, NTSC HOLD = HIGH, f = 3.58 MHz,
280mV pk-pk, DC = -714 to +714 mV
0.08
%
dP
Differential phase, NTSC
0.1
deg
Restore section HOLD = low unless otherwise stated
SR
Slew rate
VOUT = 2VPP, CHOLD = 0.01µF (*)
NOTES:
(*) During power-up and power-down, these voltage ratings require that signals be applied only when the power supply
is connected.
25
V/µs
tENH
Time to enable hold
25
ns
tDISH
Time to disable hold
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com