Electronic Components Datasheet Search
  English  ▼

X  

ZXFV4089 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXFV4089
Description  Video amplifier with DC restoration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4089 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXFV4089 Datasheet HTML 4Page - Diodes Incorporated ZXFV4089 Datasheet HTML 5Page - Diodes Incorporated ZXFV4089 Datasheet HTML 6Page - Diodes Incorporated ZXFV4089 Datasheet HTML 7Page - Diodes Incorporated ZXFV4089 Datasheet HTML 8Page - Diodes Incorporated ZXFV4089 Datasheet HTML 9Page - Diodes Incorporated ZXFV4089 Datasheet HTML 10Page - Diodes Incorporated ZXFV4089 Datasheet HTML 11Page - Diodes Incorporated ZXFV4089 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ZXFV4089
Issue 4 - December 2008
10
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Attention is drawn to the footnote of the DC electrical characteristics table, regarding input signal
amplitude. The video signal is ac coupled into the main amplifier and clamped to VREF. As a result
of this the actual voltage seen by the device input at pin 2 is the sum of VREF plus the video input
signal voltage excursion above VREF (when clamping the back porch, this excursion is normally
the luminance waveform of up to about 0.72V white level). At a particular positive value at pin 2
close to 2.7V, the leakage current of the Sample-hold switch increases causing an increase in the
droop rate. Therefore, for example, a reference voltage of 2V with a peak white video signal of
0.7V could result in increased restoration error arising from the increased DC offset. If pin 2 is
driven above +2.7V peak voltage the DC restoration accuracy could be affected and care should
be taken in this respect. When using 0.7V luminance, this is consistent with the maximum
recommended reference voltage of +2V.
Evaluation circuit
An evaluation circuit is available to allow demonstration of the video black-level clamping
function. The circuit uses the Zetex ZXFV4583 sync separator circuit to provide the HOLD function
timing signal. This circuit is described in the datasheet for ZXFV4583. To order the evaluation
board, ask for ZXFV4583EV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com