Electronic Components Datasheet Search
  English  ▼

X  

MFEV710 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MFEV710
Description  Pegoda EV710 SAM support in standard or x-mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFEV710 Datasheet(HTML) 2 Page - NXP Semiconductors

  MFEV710 Datasheet HTML 1Page - NXP Semiconductors MFEV710 Datasheet HTML 2Page - NXP Semiconductors MFEV710 Datasheet HTML 3Page - NXP Semiconductors MFEV710 Datasheet HTML 4Page - NXP Semiconductors MFEV710 Datasheet HTML 5Page - NXP Semiconductors MFEV710 Datasheet HTML 6Page - NXP Semiconductors MFEV710 Datasheet HTML 7Page - NXP Semiconductors MFEV710 Datasheet HTML 8Page - NXP Semiconductors MFEV710 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MFEV710_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3 — 14 February 2011
202630
2 of 12
NXP Semiconductors
MFEV710
Pegoda EV710
ARM Cortex-M3 microcontroller with integrated flash memory
Firmware in source code and binaries
USB host interface to PC and Windows-based user interface
Optional support for RS232, RS485, JTAG, Ethernet
2.2 Benefits
Fast, flexible development of SAM-based, secure reader systems
Quick embedded development with portable code
Easy customization with flash-based microcontroller
Custom firmware and JTAG debugging with optional hardware extension board
3.
Applications
Public transportation
Access management
PC peripheral terminal
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
-
4.75
5.0
5.25
V
Tamb
ambient temperature
-
−10
+25
70
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
MFEV710
-
Package containing:
MFRD710, Pegoda contactless
smartcard reader, based on MFRC523
contactless reader IC
USB cable
MIFARE sample cards
CD with documentation and software
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com