Electronic Components Datasheet Search
  English  ▼

X  

MFEV710 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MFEV710
Description  Pegoda EV710 SAM support in standard or x-mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFEV710 Datasheet(HTML) 3 Page - NXP Semiconductors

  MFEV710 Datasheet HTML 1Page - NXP Semiconductors MFEV710 Datasheet HTML 2Page - NXP Semiconductors MFEV710 Datasheet HTML 3Page - NXP Semiconductors MFEV710 Datasheet HTML 4Page - NXP Semiconductors MFEV710 Datasheet HTML 5Page - NXP Semiconductors MFEV710 Datasheet HTML 6Page - NXP Semiconductors MFEV710 Datasheet HTML 7Page - NXP Semiconductors MFEV710 Datasheet HTML 8Page - NXP Semiconductors MFEV710 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
6.
Block diagram
Fig 1.
Block diagram RD710
brb575
USB
(type B)
JTAG
(JTAG)
ETHERNET
(MEC6)
2
× RS232
(10-pin header)
RS485(RS422)
(5-pin header)
OSCILLATOR
12 MHz
ACT. ANTENNA
(5-pin header)
ANTENNA AN710
(10-pin header)
DESFIRE
SAM
SIM connector
I2C
SPI
UART
I2C
I2C
SPI
UART
RESET
T = 1
LPC1768
RC523
RM710
RD710
CONNECTORS
JTAG/
SWD
ETHERNET
EXT
RS485
RS232
USB
ANTENNA AN710
DIPSW
OSCILLATOR
13.56 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com