| Electronic Components Datasheet Search |
|
MFEV710 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFEV710 Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 12 page ![]() MFEV710_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product short data sheet PUBLIC Rev. 3 — 14 February 2011 202630 5 of 12 NXP Semiconductors MFEV710 Pegoda EV710 The contact part of the reader firmware is used to communicate with a SAM, ideally the MIFARE SAM AV2, see Ref. 2. The contactless part performs the polling and activation sequence according to PC/SC part 2, ISO/IEC 14443-3 and 14443-4 standards. The polling and activation sequence can be turned off and on with the use of escape (PC/SC part 3) commands. The polling and activation sequence is automatically disabled if escape commands are executed that would interfere with the normal operations. The firmware also interprets the ADPUs for MIFARE which are defined in PC/SC part 3. The main modes of operation are being set by DIP switches which are located on the reader. Some configuration parameters can be set with the escape commands. The reader will store them in non-violate memory. The user will be able to reset the configuration back to default state. The firmware will construct the product name – which is returned by USB descriptor – to easily identify the reader/SAM configuration. Depending on the DIP switches, there are three possible configurations: • No SAM (Pegoda N) • SAM in X-Mode (Pegoda X) • SAM in S-Mode (Pegoda S) The user will be able to flash the board with customized or original firmware with three methods: • Over USB (IAP) • Over serial port (ISP) • Over JTAG with the use of an external program For more information, please refer to Ref. 6. The implementation of the driver is described in Ref. 9. 7.3.2 NXP Reader Library The Reader Library is a special build of the functionality provided by the Basic Function library. The desired functionality can be selected by the user and compiled dependent on application requirements. On the CLRD710 the Reader library is implemented to be executed on the Host PC. The library is designed to be portable, it can be ported to any embedded environment if desired. As such it can be also ported to the controller of the CLRD710. The NXP reader library is encapsulated into Layers and Components written in ANSI C. The library structure provides a modular way of programming and setting up the reader interface. For easy portability, the reader library consists of 4 layers: • BAL (Bus Abstraction Layer) • HAL (Hardware Abstraction Layer) • PAL (Protocol Abstraction Layer) • AL (Application Layer) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |