Electronic Components Datasheet Search
  English  ▼

X  

MFEV710 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MFEV710
Description  Pegoda EV710 SAM support in standard or x-mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFEV710 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MFEV710 Datasheet HTML 3Page - NXP Semiconductors MFEV710 Datasheet HTML 4Page - NXP Semiconductors MFEV710 Datasheet HTML 5Page - NXP Semiconductors MFEV710 Datasheet HTML 6Page - NXP Semiconductors MFEV710 Datasheet HTML 7Page - NXP Semiconductors MFEV710 Datasheet HTML 8Page - NXP Semiconductors MFEV710 Datasheet HTML 9Page - NXP Semiconductors MFEV710 Datasheet HTML 10Page - NXP Semiconductors MFEV710 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MFEV710_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3 — 14 February 2011
202630
7 of 12
NXP Semiconductors
MFEV710
Pegoda EV710
8.
Limiting values
[1]
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
9.
Abbreviations
Table 3.
Limiting values [1]
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VSS (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
active reader
4.75
5.00
5.25
V
Tamb
ambient temperature
-
−25
+25
+85
°C
IDD
supply current
active, RF on
-
170
-
mA
Table 4.
Abbreviations
Acronym
Description
AL
Application Layer
APDU
Application Protocol Data Unit
BAL
Bus Abstraction Layer
EEPROM
Electrically Erasable Programmable Read Only Memory
HAL
Hardware Abstraction Layer
IAP
In-Application Programming
ISP
Internet service provider
JTAG
Joint Test Action Group
PAL
Protocol Abstraction Layer
PCD
Proximity Coupling Device
PICC
Proximity Integrated Circuit Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com