Electronic Components Datasheet Search
  English  ▼

X  

PCA9525 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9525
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9525 Datasheet HTML 1Page - NXP Semiconductors PCA9525 Datasheet HTML 2Page - NXP Semiconductors PCA9525 Datasheet HTML 3Page - NXP Semiconductors PCA9525 Datasheet HTML 4Page - NXP Semiconductors PCA9525 Datasheet HTML 5Page - NXP Semiconductors PCA9525 Datasheet HTML 6Page - NXP Semiconductors PCA9525 Datasheet HTML 7Page - NXP Semiconductors PCA9525 Datasheet HTML 8Page - NXP Semiconductors PCA9525 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The PCA9525 is a monolithic CMOS integrated circuit for bus buffering in applications
including I2C-bus, SMBus, DDC, PMBus, and other systems based on similar principles.
The buffer extends the bus load limit by buffering both the SCL and SDA lines, allowing
the maximum permissible bus capacitance on both sides of the buffer.
The PCA9525 includes a unidirectional buffer for the clock signal, and a bidirectional
buffer for the data signal. Slave devices which employ clock stretching are therefore not
supported.
In its most basic implementation, the buffer will allow an extended number of slave
devices to be attached to one (or more) master devices. In this case, all master devices
would be positioned on the Sxx_IN side of the PCA9525.
The direction pin (DIR) further enhances this function by allowing the unidirectional clock
signal to be reversed, thus allowing master devices on both sides of the buffer.
The enable (EN) function allows sections of the bus to be isolated. Individual parts of the
system can be brought on-line successively. This means a controlled start-up using a
diverse range of components, operating speeds and loads is easily achieved.
2.
Features and benefits
Simple impedance isolating buffer for 2-wire buses
4 mA maximum static open-drain pull-down capability supports a wide range of bus
standards
Works with I2C-bus (Standard-mode, Fast-mode), SMBus (standard and high power
mode), and PMBus
Fast switching times allow operation in excess of 1 MHz
Enable allows bus segments to be disconnected
Hysteresis on inputs provides noise immunity
Operating voltages from 2.7 V to 5.5 V
Very low supply current
Uncomplicated characteristics suitable for quick implementation in most common
2-wire bus applications
PCA9525
Simple 2-wire bus buffer
Rev. 1 — 25 February 2011
Product data sheet


Similar Part No. - PCA9525

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9525 NXP-PCA9525 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9525

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
NXP Semiconductors
PCA9605 NXP-PCA9605 Datasheet
414Kb / 22P
Simple 2-wire bus buffer
Rev. 1-28 February 2011
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4315 LINER-LTC4315_15 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com