Electronic Components Datasheet Search
  English  ▼

X  

PCA9525 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9525
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9525 Datasheet HTML 7Page - NXP Semiconductors PCA9525 Datasheet HTML 8Page - NXP Semiconductors PCA9525 Datasheet HTML 9Page - NXP Semiconductors PCA9525 Datasheet HTML 10Page - NXP Semiconductors PCA9525 Datasheet HTML 11Page - NXP Semiconductors PCA9525 Datasheet HTML 12Page - NXP Semiconductors PCA9525 Datasheet HTML 13Page - NXP Semiconductors PCA9525 Datasheet HTML 14Page - NXP Semiconductors PCA9525 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
11 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
Figure 15 shows the PCA9525 used with masters on both sides of the buffer. More than
one master may be used on the Sxx_IN side of the IC. However, to locate a master on the
Sxx_OUT side and have that master be able to communicate with devices on the Sxx_IN
side, it must either have direct control over the direction pin (DIR) of the PCA9525, or it
must request another controlling master to change the direction. In Figure 15, U4 uses an
IRQ to signal to U2 that is requests a direction change. Once in control, it could
alternatively use the bus to signal ‘release of control’.
Fig 14. PCA9525 typical buffer application
002aaf342
BUS MASTER
U3
VDD
SCL
SDA
R4
1.1 k
Ω
SCL
SDA
SCL_IN
SDA_IN
PCA9525
VDD
SCL_OUT
SDA_OUT
U1
EN
DIR
3.3 V
MASTER/
SLAVE
U4
SLAVE
U5
SLAVE
U6
R3
1.1 k
Ω
R1
1.1 k
Ω
R2
1.1 k
Ω
R4
110
Ω
SCL
SDA
SCL_IN
SDA_IN
PCA9605
VDD
SCL_OUT
SDA_OUT
U2
EN
DIR
SLAVE
U7
SLAVE
U8
R5
110
Ω
up to 400 pF load
(PCA9525)
or 4 nF load if only
PCA9605's used
(R1 and R2 = 110
Ω)
up to 400 pF load (PCA9525)
up to 4 nF load (PCA9605)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com