Electronic Components Datasheet Search
  English  ▼

X  

PCA9525 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9525
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9525 Datasheet HTML 8Page - NXP Semiconductors PCA9525 Datasheet HTML 9Page - NXP Semiconductors PCA9525 Datasheet HTML 10Page - NXP Semiconductors PCA9525 Datasheet HTML 11Page - NXP Semiconductors PCA9525 Datasheet HTML 12Page - NXP Semiconductors PCA9525 Datasheet HTML 13Page - NXP Semiconductors PCA9525 Datasheet HTML 14Page - NXP Semiconductors PCA9525 Datasheet HTML 15Page - NXP Semiconductors PCA9525 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
12 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
Multiplexers such as the PCA9544A are simple analog switches which provide no
capacitive load isolation between connected branches. Figure 16 shows the PCA9525
enhancing an I2C-bus multiplexer application by isolating the load capacitance of each
branch. Figure 17 and Figure 18 show alternate forms of bus multiplexing, with the latter
being an excellent way to eliminate the requirement for a master to dedicate pins to
enabling multiple PCA9525 devices.
Fig 15. PCA9525 with masters on both sides of buffer
Alternately, using the PCA9546A, (which allows multiple outputs to be selected) you would simply
place a PCA9525 on each output on the right hand side, rather than a single PCA9525 on the
left hand side.
Fig 16. PCA9525 multiplexer isolation application
002aaf343
BUS MASTER
U2
VDD
SCL
SDA
R1
R2
R3
R4
SCL
SDA
SCL_IN
SDA_IN
PCA9525
VDD
SCL_OUT
SDA_OUT
U1
EN
DIR
5 V
IRQ
MASTER/
SLAVE
U3
MASTER
U4
SLAVE
U5
master U4 requests SCL
direction change from
master U2 using IRQ
002aaf344
BUS MASTER
U1
VCC
SCL
SDA
R1
1.5 k
Ω
R2
1.5 k
Ω
R3
1.1 k
Ω
R4
1.1 k
Ω
3.3 V
SCL
SDA
PCA9544A
VDD
SC0
SD0
U3
INT[3:0]
A0
A1
A2
SC1
SD1
SC2
SD2
SC3
SD3
Using the PCA9525,
up to 400 pF may be
connected to each
and every bus 0
through bus 3.
SCL_IN
SDA_IN
PCA9525
VDD
SCL_OUT
SDA_OUT
U2
EN
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com