Electronic Components Datasheet Search
  English  ▼

X  

MIC2172YN Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2172YN
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172YN Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2172YN Datasheet HTML 1Page - Micrel Semiconductor MIC2172YN Datasheet HTML 2Page - Micrel Semiconductor MIC2172YN Datasheet HTML 3Page - Micrel Semiconductor MIC2172YN Datasheet HTML 4Page - Micrel Semiconductor MIC2172YN Datasheet HTML 5Page - Micrel Semiconductor MIC2172YN Datasheet HTML 6Page - Micrel Semiconductor MIC2172YN Datasheet HTML 7Page - Micrel Semiconductor MIC2172YN Datasheet HTML 8Page - Micrel Semiconductor MIC2172YN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Micrel
MIC2172/3172
April 2006
5
M9999-041806
(408) 955-1690
Typical Characteristics MIC2172 (cont)
Parameter
Condition
Min
Typ
Max
Units
Oscillator Section
Frequency (fO)
88
85
100
112
115
kHz
kHz
Duty Cycle [
δ(max)]
80
89
95
%
Sync Coupling Capacitor
Required for Frequency
Lock
VPP = 3.0V
VPP = 40V
22
2.2
51
4.7
120
10
pF
pF
Input Supply Voltage Section
Minimum Operating
Voltage
2.7
3.0
V
Quiescent Current (IQ)
3V
≤ VIN ≤ 40V, VCOMP = 0.6V, ISW = 0
7
9
mA
Supply Current Increase
(
∆IIN)
∆ISW = 1A, VCOMP = 1.5V
9
20
mA
Electrical Characteristics MIC3172
Note 1, 3. Unless otherwise specified, VIN = 5V.
Parameter
Condition
Min
Typ
Max
Units
Reference Section
Pin 2 tied to pin 3
Feedback Voltage (VFB)
1.224
1.214
1.240
1.264
1.274
V
V
Feedback Voltage Line
Regulation
3V
≤ VIN ≤ 40V
0.07
%/V
Feedback Bias Current
(IFB)
310
750
1100
nA
nA
Error Amplifier Section
Transconductance
(
∆ICOMP/∆VFB)
∆ICOMP = ±25µA
3.0
2.4
3.9
6.0
7.0
µA/mV
µA/mV
Voltage Gain
(
∆VCOMP/∆VFB)
0.9V
≤ VCOMP ≤ 1.4V
500
800
2000
V/V
Output Current
VCOMP = 1.5V
125
100
175
350
400
µA
µA
Output Swing
High Clamp, VFB = 1V
Low Clamp, VFB = 1.5V
1.8
0.25
2.1
0.35
2.3
0.52
V
V
Compensation Pin
Threshold
Duty Cycle = 0
0.8
0.6
0.9
1.08
1.25
V
V
Output Switch Section
ON Resistance
ISW = 1A, VFB = 0.8V
0.76
1
1.1
Ω
Ω
Current Limit
Duty Cycle = 50%, TJ ≥ 25°C
Duty Cycle = 50%, TJ < 25°C
Duty Cycle = 80%, Note 2
1.25
1.25
1
3
3.5
2.5
A
A
A
Breakdown Voltage (BV)
3V
≤ VIN ≤ 40V
ISW = 5mA
65
75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com