Electronic Components Datasheet Search
  English  ▼

X  

MIC2172YN Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2172YN
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172YN Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2172YN Datasheet HTML 10Page - Micrel Semiconductor MIC2172YN Datasheet HTML 11Page - Micrel Semiconductor MIC2172YN Datasheet HTML 12Page - Micrel Semiconductor MIC2172YN Datasheet HTML 13Page - Micrel Semiconductor MIC2172YN Datasheet HTML 14Page - Micrel Semiconductor MIC2172YN Datasheet HTML 15Page - Micrel Semiconductor MIC2172YN Datasheet HTML 16Page - Micrel Semiconductor MIC2172YN Datasheet HTML 17Page - Micrel Semiconductor MIC2172YN Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Micrel
MIC2172/3172
April 2006
14
M9999-041806
(408) 955-1690
Figure 10. Single Point Ground
A single point ground is strongly recommended for
proper operation.
The signal ground, compensation network ground, and
feedback network connections are sensitive to minor
voltage variations. The input and output capacitor
grounds and power ground conductors will exhibit
voltage drop when carrying large currents. Keep the
sensitive circuit ground traces separate from the power
ground traces. Small voltage variations applied to the
sensitive circuits can prevent the MIC2172/3172 or any
switching regulator from functioning properly.
Applications and Design Hints
Access to both the collector and emitter(s) of the NPN
power switch makes the MIC2172/3172 extremely
versatile and suitable for use in most PWM power supply
topologies.
Boost Conversion
Refer to figure 11 for a typical boost conversion
application where a +5V logic supply is available but
+12V at 0.14A is required.
Figure 11. 5V to 12V Boost Converter
The first step in designing a boost converter is
determining whether inductor L1 will cause the converter
to operate in either continuous or discontinuous mode.
Discontinuous mode is preferred because the feedback
control of the converter is simpler.
When L1 discharges its current completely during the
MIC2172/3172’s off-time, it is operating in discontinuous
mode.
L1 is operating in continuous mode if it does not
discharge completely before the MIC2172/3172 power
switch is turned on again.
Discontinuous Mode Design
Given the maximum output current, solve equation (1) to
determine
whether
the
device
can
operate
in
discontinuous mode without initiating the internal device
current limit.
OUT
IN
CL
OUT
V
δ
V
2
I
I
⎟
⎠
⎞
⎜
⎝
⎛
≤
(1)
F
OUT
IN
F
OUT
V
V
V
V
V
δ
+
±
+
=
(1a)
Where:
ICL = internal switch current limit
ICL = 1.25A when δ < 50%
ICL = 0.833 (2 – δ) when δ ≥ 50%
(Refer to Electrical Characteristics.)
IOUT = maximum output current
VIN = minimum input voltage
δ = duty cycle
VOUT = required output voltage
VF = D1 forward voltage drop
For the example in figure 11.
IOUT = 0.14A
ICL = 1.147A
VIN = 4.75V (minimum)
δ = 0.623
VOUT = 12.0V
VF = 0.6V
Then:
0.141A
I
12
0.623
4.75
2
1.147
I
OUT
OUT
≤
×
×
⎟
⎠
⎞
⎜
⎝
⎛
≤
This value is greater than the 0.14A output current
requirement so we can proceed to find the inductance
value of L1.
()
SW
OUT
2
IN
f
P
2
δ
V
L1
≤
(2)
Where:
POUT = 12
⋅ 0.14 = 1.68W
fSW = 1
⋅10
5kHz (100kHz)
For our practical example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com