Electronic Components Datasheet Search
  English  ▼

X  

MIC2172YN Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2172YN
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172YN Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2172YN Datasheet HTML 6Page - Micrel Semiconductor MIC2172YN Datasheet HTML 7Page - Micrel Semiconductor MIC2172YN Datasheet HTML 8Page - Micrel Semiconductor MIC2172YN Datasheet HTML 9Page - Micrel Semiconductor MIC2172YN Datasheet HTML 10Page - Micrel Semiconductor MIC2172YN Datasheet HTML 11Page - Micrel Semiconductor MIC2172YN Datasheet HTML 12Page - Micrel Semiconductor MIC2172YN Datasheet HTML 13Page - Micrel Semiconductor MIC2172YN Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Micrel
MIC2172/3172
April 2006
10
M9999-041806
(408) 955-1690
Functional Description
Refer to “Block Diagram MIC2172” and “Block Diagram
MIC3172.”
Internal Power
The MIC2172/3172 operates when VIN is
≥ 2.6V (and
VEN ≥ 2.0V for the MIC3172). An internal 2.3V regulator
supplies biasing to all internal circuitry including a
precision 1.24V band gap reference.
The enable control (MIC3172 only) enables or disables
the internal regulator which supplies power to all other
internal circuitry.
PWM Operation
The 100kHz oscillator generates a signal with a duty
cycle
of
approximately
90%.
The
current-mode
comparator output is used to reduce the duty cycle when
the current amplifier output voltage exceeds the error
amplifier output voltage. The resulting PWM signal
controls a driver which supplies base current to output
transistor Q1.
Current Mode Advantages
The MIC2172/3172 operates in current mode rather than
voltage mode. There are three distinct advantages to
this technique. Feedback loop compensation is greatly
simplified because inductor current sensing removes a
pole from the closed loop response. Inherent cycle-by-
cycle current limiting greatly improves the power switch
reliability and provides automatic output current limiting.
Finally, current-mode operation provides automatic input
voltage feed forward which prevents instantaneous input
voltage changes from disturbing the output voltage
setting.
Anti-Saturation
The anti-saturation diode (D1) increases the usable duty
cycle range of the MIC2172/3172 by eliminating the
base to collector stored charge which would delay Q1’s
turnoff.
Compensation
Loop stability compensation of the MIC2172/3172 can
be accomplished by connecting an appropriate network
from
either
COMP
to
circuit
ground
(Typical
Applications) or COMP to FB.
The error amplifier output (COMP) is also useful for soft
start and current limiting. Because the error amplifier
output is a transconductance type, the output impedance
is relatively high which means the output voltage can be
easily clamped or adjusted externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com