Electronic Components Datasheet Search
  English  ▼

X  

MIC2172YN Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2172YN
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172YN Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2172YN Datasheet HTML 12Page - Micrel Semiconductor MIC2172YN Datasheet HTML 13Page - Micrel Semiconductor MIC2172YN Datasheet HTML 14Page - Micrel Semiconductor MIC2172YN Datasheet HTML 15Page - Micrel Semiconductor MIC2172YN Datasheet HTML 16Page - Micrel Semiconductor MIC2172YN Datasheet HTML 17Page - Micrel Semiconductor MIC2172YN Datasheet HTML 18Page - Micrel Semiconductor MIC2172YN Datasheet HTML 19Page - Micrel Semiconductor MIC2172YN Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Micrel
MIC2172/3172
April 2006
16
M9999-041806
(408) 955-1690
FCE = safety derating factor (0.8 for most
commercial and industrial applications)
VIN(max) = maximum input voltage
VSEC = transformer secondary voltage (VOUT + VF)
For the practical example:
VCE = 65V max. for the MIC2172/3172
FCE = 0.8
VSEC = 5.6V
Then:
5.6
6.0
0.8
65
a
±
×
≤
a
≤ 8.2143
Next,
calculate
the
maximum
primary
inductance
required to store the needed output energy with a power
switch duty cycle of 55%.
OUT
2
ON
2
IN(min)
SW
PRI
P
T
V
f
0.5
L
≤
(10)
Where:
LPRI = maximum primary inductance
fSW = device switching frequency (100kHz)
VIN(min) = minimum input voltage
TON = power switch on time
Then:
()
1.25
10
5.5
4.0
10
1
0.5
L
2
6
2
5
PRI
−
×
×
×
×
≤
LPRI
≤ 19.23µH
Use an 18µH primary inductance to overcome circuit
inefficiencies.
To complete the design the inductance value of the
secondary is found which will guarantee that the energy
stored in the transformer during the power switch on
time will be completed discharged into the output during
the off-time. This is necessary when operating in
discontinuous-mode.
OUT
2
OFF
2
SEC
SW
SEC
P
T
V
f
0.5
L
≤
(11)
Where:
LSEC = maximum secondary inductance
TOFF = power switch off time
Then:
()
1.25
10
4.5
5.6
10
1
0.5
L
2
6
2
5
SEC
−
×
×
×
×
×
≤
LSEC ≤ 25.4µH
Figure 12. MIC3172 5V 0.25A Flyback Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com