Electronic Components Datasheet Search
  English  ▼

X  

MIC2267 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2267
Description  Input Current Limiting Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2267 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2267 Datasheet HTML 2Page - Micrel Semiconductor MIC2267 Datasheet HTML 3Page - Micrel Semiconductor MIC2267 Datasheet HTML 4Page - Micrel Semiconductor MIC2267 Datasheet HTML 5Page - Micrel Semiconductor MIC2267 Datasheet HTML 6Page - Micrel Semiconductor MIC2267 Datasheet HTML 7Page - Micrel Semiconductor MIC2267 Datasheet HTML 8Page - Micrel Semiconductor MIC2267 Datasheet HTML 9Page - Micrel Semiconductor MIC2267 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel Inc.
MIC2267
January 2011
6
M9999-011711-A
Typical Characteristics (Continued)
Efficiency vs.
Output Current
50
55
60
65
70
75
80
85
90
95
100
00.5
11.5
2
OUTPUT CURRENT (A)
VOUT = 3.3V
VIN = 4.2V
VIN = 5.5V
Efficiency vs.
Output Current
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
2
OUTPUT CURRENT (A)
VOUT = 1.8V
VIN = 3.3V
VIN = 5.5V
Input Current Limit
vs. Input Voltage
0.600
0.650
0.700
0.750
0.800
2.53
3.54
4.55
5.56
INPUT VOLTAGE (V)
RLIM = 107K
VFB = 0.5V
Input Current Limit
vs. Temperature
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-50 -30 -10 10 30 50 70 90 110 130
TEMPERATURE (°C)
ILIM @ 3.3Vin
ILIM @ 5Vin
VOUT = 1.8V
Current Limit
vs. RLIMIT
100
1000
10000
10
100
1000
RLIMIT (kΩ)
VIN = 5V
VOUT = 3.3V
Switching Frequency
vs. RFREQ
0
200
400
600
800
1000
1200
1400
1600
1800
0
50
100
150
200
250
300
RFREQ (kΩ)
VIN = 5V
TAMB = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com