Electronic Components Datasheet Search
  English  ▼

X  

MIC2267 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2267
Description  Input Current Limiting Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2267 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2267 Datasheet HTML 11Page - Micrel Semiconductor MIC2267 Datasheet HTML 12Page - Micrel Semiconductor MIC2267 Datasheet HTML 13Page - Micrel Semiconductor MIC2267 Datasheet HTML 14Page - Micrel Semiconductor MIC2267 Datasheet HTML 15Page - Micrel Semiconductor MIC2267 Datasheet HTML 16Page - Micrel Semiconductor MIC2267 Datasheet HTML 17Page - Micrel Semiconductor MIC2267 Datasheet HTML 18Page - Micrel Semiconductor MIC2267 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Micrel Inc.
MIC2267
January 2011
16
M9999-011711-A
MIC2267 Typical Application Circuit
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
L1
VLF5014ST-4R7M1R7
TDK
(1)
4.7µH, 2A inductor
1
C3
12066D476MAT2A
AVX
(4)
47µF, 6.3V, X5R ceramic capacitor
1
C9
Not Fitted 1210 size
0
C5
08056D106MAT2A
AVX
(4)
10µF, 6.3V, X5R ceramic capacitor
1
C7
06033D104MAT2A
AVX
(4)
0.1µF, 25V ceramic capacitor
1
C1
06033C153MAT2A
AVX
(4)
15nF, 25V, ceramic capacitor
1
C6
06033C102MAT2A
AVX
(4)
1nF 25V, ceramic capacitor
1
C2
06033A101KAT2A
AVX
(4)
100pF, 25V, COG ceramic capacitor
1
C4
06035A821JAT2A
AVX
(4)
820pF, 50V, NPO ceramic capacitor
1
C8
Not Fitted 0603 size
0
R1, R7
CRCW06031003FRT1
Vishay Dale
(2)
100K (0603 size), 1%
2
R2
CRCW06031002FRT1
Vishay Dale
(2)
10K (0603 size), 1%
1
R3
CRCW06037502FRT1
Vishay Dale
(2)
75K (0603 size), 1%
1
R4
CRCW06032322FRT1
Vishay Dale
(2)
23.2K (0603 size), 1%
1
R5
CRCW06031152FRT1
Vishay Dale
(2)
11.5K (0603 size), 1%
1
R6
CRCW06031503FRT1
Vishay Dale
(2)
150K (0603 size), 1%
1
R8
CRCW060322R1FRT1
Vishay Dale
(2)
22.1 (0603 size), 1%
1
R9
CRCW08051R21FRT1
Vishay Dale
(2)
1.21Ω (0805 size), 1%
1
R10
CRCW060349R9FRT1
Vishay Dale
(2)
49.9Ω (0603 size), 1%
U1
MIC2267YML
Micrel, Inc.
(5)
Input Current Limiting Synch’ Buck Regulator
(12 pin 3mm x 3mm MLF)
1
Notes:
1. TDK: www.tdk.com.
2. Vishay: www.vishay.com.
3. Murata: www.murata.com.
4. AVX: www.avx.com.
5. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com