Electronic Components Datasheet Search
  English  ▼

X  

MIC2267 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2267
Description  Input Current Limiting Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2267 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2267 Datasheet HTML 7Page - Micrel Semiconductor MIC2267 Datasheet HTML 8Page - Micrel Semiconductor MIC2267 Datasheet HTML 9Page - Micrel Semiconductor MIC2267 Datasheet HTML 10Page - Micrel Semiconductor MIC2267 Datasheet HTML 11Page - Micrel Semiconductor MIC2267 Datasheet HTML 12Page - Micrel Semiconductor MIC2267 Datasheet HTML 13Page - Micrel Semiconductor MIC2267 Datasheet HTML 14Page - Micrel Semiconductor MIC2267 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Micrel Inc.
MIC2267
January 2011
11
M9999-011711-A
SLOPEC
To guarantee stability in a current mode controller
operating at duty cycle >50%, a compensation ramp (m)
is required. This ramp ‘m’ is added to the inductor
current sense ramp (or alternatively, it can also be
subtracted from the error voltage which has the same
effect).
A resistor to ground from the SLOPEC pin sets the
amplitude of ‘m’ over the switching period.
Ideally, the magnitude of the compensation ramp (m) is
for many cases, set to ½ inductor discharge ramp (m2).
I.E. m= ½ m2
Where:
m2
∝ Vo/L x FSW
and
m
∝ 67700/RSLOPEC
Therefore, for the ideal ½ m2 slope:
RSLOPEC = 2 x FSW x L x 67700/Vout
Where duty cycle can approach 100%, excess phase
shift in the loop can lead to a phenomenon called “sub-
harmonic oscillation”. Additional compensating slope ‘m’
may be required in these cases.
It can be shown that ensuring m = m2 will ensure
stability regardless of voltage loop gain for the case
where DC ~ 100%. Therefore, a value of RSLOPEC = FSW.x
L x 67700/Vout will ensure stability at the expense of
some line regulation.
AGND and PGND
Connect AGND to the quiet, signal reference points and
decouple closely to the IC. Connect PGND to the high
current carrying paths close to the COUT and CIN. Refer to
layout guide section later in the datasheet for more
detailed information.
FREQ
A resistor RFREQ from this pin to ground allows the
frequency of the MIC2267 to be programmed over the
range 400kHz to 1.5MHz.
Figure 3. MIC2267 FREQ Pin Internal Blocks
To set the frequency, this pin is forced to V1, the
resulting current through the resistor RFREQ sets the
internal reference current which charges a capacitor (C).
At the beginning of the clock cycle, C begins charging.
When it reaches V2, a clock pulse is generated and C is
discharged to ground; marking the beginning of the next
clock cycle.
This produces a clock frequency FSW of:
FSW = 1/(C x RFREQ)
Where C = 10pF
SW
This is the center connection output of the P-channel
and N-channel Power MOSFETs. Connect this pin to the
Power inductor as close to the IC as possible. Refer to
the Layout Recommendations section for details on
placing the power inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com