Electronic Components Datasheet Search
  English  ▼

X  

MIC2267 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2267
Description  Input Current Limiting Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2267 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2267 Datasheet HTML 1Page - Micrel Semiconductor MIC2267 Datasheet HTML 2Page - Micrel Semiconductor MIC2267 Datasheet HTML 3Page - Micrel Semiconductor MIC2267 Datasheet HTML 4Page - Micrel Semiconductor MIC2267 Datasheet HTML 5Page - Micrel Semiconductor MIC2267 Datasheet HTML 6Page - Micrel Semiconductor MIC2267 Datasheet HTML 7Page - Micrel Semiconductor MIC2267 Datasheet HTML 8Page - Micrel Semiconductor MIC2267 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC2267
Input Current Limiting
Synchronous Buck Regulator
USB Power Maximizer™
USB Power Maximizer is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2011
M9999-011711-A
General Description
The MIC2267 is a USB Power Maximizer™ which
transfers the maximum power from the limited USB current
source by shaping the input current limit profile. It
incorporates a high efficiency, integrated synchronous step
down regulator. Internal 150mΩ switches and adjustable
operating frequency allows the MIC2267 to achieve
greater than 90% efficiency across a broad load range. It
replaces the USB current limit switch, 5V buck regulator
and minimizes capacitance for many USB applications.
The adjustable frequency control can be utilized to move
harmonics away from sensitive frequency bands.
The MIC2267 allows the input current limit profile to be
shaped for various applications. With a current mode
control with external compensation, the MIC2267 transient
response can be optimized over load and output
capacitance making it highly flexible for many applications.
Additional features include 1µA shutdown current, output
current limit and thermal shutdown protection. The
MIC2267 is available in a 12-pin 3mm x 3mm MLF
® with a
junction operating range from –40
°C to +125°C.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 3.0V to 5.5V
• Output voltage adjustable down to 1.0V
• Up to 96% efficiency at 500mA output
• Efficiency >90% across a broad load range
• Fast transient response
• Adjustable frequency from 400kHz to 1.5MHz
• Adjustable input current limiting 100mA to over 1A
• 100% maximum duty cycle
• Fully integrated MOSFET switches
• Micropower shutdown
• Thermal shutdown and output current limit protection
• 12-pin 3mm x 3mm MLF®
• Junction temperature range: −40°C to +125°C
Applications
• USB power
• Wireless router cards
• General buck converter applications
_______________________________________________________________________________________________________
Typical Application
Efficiency vs.
Output Current
50
55
60
65
70
75
80
85
90
95
100
00.5
11.5
2
OUTPUT CURRENT (A)
VOUT = 3.3V
VIN = 4.2V
VIN = 5.5V
MIC2267 USB Input Current Limiting Synchronous Buck Regulator
Efficiency 5VIN to 3.3VOUT


Similar Part No. - MIC2267

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600YML MICREL-MIC22600YML Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600YML MICREL-MIC22600YML Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600YML MICREL-MIC22600YML Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
More results

Similar Description - MIC2267

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
3A, 24V Input Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3710MTRPBF IRF-IR3710MTRPBF Datasheet
2Mb / 20P
WIDE INPUT AND OUTPUT, SYNCHRONOUS BUCK REGULATOR
IR3710MTRPBF IRF-IR3710MTRPBF_10 Datasheet
2Mb / 20P
WIDE INPUT AND OUTPUT, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
Single-Input Voltage, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com