Electronic Components Datasheet Search
  English  ▼

X  

MIC4103 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4103
Description  100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4103 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4103 Datasheet HTML 1Page - Micrel Semiconductor MIC4103 Datasheet HTML 2Page - Micrel Semiconductor MIC4103 Datasheet HTML 3Page - Micrel Semiconductor MIC4103 Datasheet HTML 4Page - Micrel Semiconductor MIC4103 Datasheet HTML 5Page - Micrel Semiconductor MIC4103 Datasheet HTML 6Page - Micrel Semiconductor MIC4103 Datasheet HTML 7Page - Micrel Semiconductor MIC4103 Datasheet HTML 8Page - Micrel Semiconductor MIC4103 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC4103/4104
100V Half Bridge MOSFET Drivers
3/2A Sinking/Sourcing Current
MLF and MicroLead Frame is a registered trademark of Amkor Technologies, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2010
M9999-110910-B
General Description
The MIC4103 and MIC4104 are high-frequency, 100V Half
Bridge MOSFET drivers with faster turn-off characteristics
than the MIC4100 and MIC4101 drivers. They feature fast
24ns propagation delay times and 6ns driver fall times.
The low-side and high-side gate drivers are independently
controlled and matched to within 3ns typical. The MIC4103
has CMOS input thresholds and the MIC4104 has TTL
input thresholds. The MIC4103/4 include a high-voltage
internal diode that charges the high-side gate drive
bootstrap capacitor.
A robust, high-speed, and low-power level shifter provides
clean level transitions to the high-side output. The robust
operation of the MIC4103/4 ensures the outputs are not
affected by supply glitches, HS ringing below ground, or
HS slewing with high-speed voltage transitions. Under-
voltage protection is provided on both the low-side and
high-side drivers.
The MIC4103 and MIC4104 are available in an 8-pin SOIC
package with a operating junction temperature range of –
40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Asymmetrical, low impedance outputs drive 1000pF
load with 10ns rise times and 6ns fall times
• Bootstrap supply max voltage to 118V DC
• Supply voltage up to 16V
• Drives high- and low-side N-Channel MOSFETs with
independent inputs
• CMOS input thresholds (MIC4103)
• TTL input thresholds (MIC4104)
• On-chip bootstrap diode
• Fast 24ns propagation times
• Low power consumption
• Supply undervoltage protection
• Typical 2.5Ω pull up and 1.25Ω pull down output driver
resistance
• –40°C to +125°C junction temperature range
Applications
• High-voltage buck converters
• Full- and half-bridge power topologies
• Active clamp forward converter
• Two switch forward topologies
• Interface to digital controllers
___________________________________________________________________________________________________________
Typical Application
100V Buck Regulator Solution


Similar Part No. - MIC4103

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103 Datasheet
597Kb / 17P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
MIC4103YM MICREL-MIC4103YM Datasheet
597Kb / 17P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
More results

Similar Description - MIC4103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380 Datasheet
407Kb / 12P
Half-Bridge Gate Driver (SOURCING/SINKING : 90mA/180mA)
logo
Micrel Semiconductor
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
100V Half Bridge MOSFET Drivers
MIC4103 MICREL-MIC4103 Datasheet
597Kb / 17P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
100V Half Bridge MOSFET Drivers
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
IXYS Corporation
IX2113 IXYS-IX2113 Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Honeywell Solid State E...
103SR13A-2 HONEYWELL-103SR13A-2 Datasheet
55Kb / 3P
Current sinking or current sourcing ouput
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com