Electronic Components Datasheet Search
  English  ▼

X  

MIC4103 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4103
Description  100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4103 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4103 Datasheet HTML 1Page - Micrel Semiconductor MIC4103 Datasheet HTML 2Page - Micrel Semiconductor MIC4103 Datasheet HTML 3Page - Micrel Semiconductor MIC4103 Datasheet HTML 4Page - Micrel Semiconductor MIC4103 Datasheet HTML 5Page - Micrel Semiconductor MIC4103 Datasheet HTML 6Page - Micrel Semiconductor MIC4103 Datasheet HTML 7Page - Micrel Semiconductor MIC4103 Datasheet HTML 8Page - Micrel Semiconductor MIC4103 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel
MIC4103/4104
November 2010
3
M9999-110910-B
Absolute Maximum Ratings
(1)
Supply Voltage (VDD, VHB – VHS) ..................... −0.3V to 18V
Input Voltages (VLI, VHI) ........................ −0.3V to VDD + 0.3V
Voltage on LO (VLO) ............................. −0.3V to VDD + 0.3V
Voltage on HO (VHO) .....................VHS − 0.3V to VHB + 0.3V
Voltage on HS (continuous) .............................
−1V to 110V
Voltage on HB ..............................................................118V
Average Current in VDD to HB Diode.......................100mA
Junction Temperature (TJ) ........................−55°C to +150°C
Storage Temperature (Ts) .........................−60°C to +150°C
ESD Rating................................................................ Note 3
Operating Ratings
(2)
Supply Voltage (VDD)........................................ +9V to +16V
Voltage on HS ..................................................
−1V to 100V
Voltage on HS (repetitive transient) .................
−5V to 105V
HS Slew Rate............................................................ 50V/ns
Voltage on HB ...................................VHS + 8V to VHS + 16V
and............................................ VDD - 1V to VDD + 100V
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
SOIC-8L (
θJA)...................................................140°C/W
Electrical Characteristics
(4)
VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO; TA = 25°C; unless noted. Bold values indicate –40°C< TJ < +125°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Current
IDD
VDD Quiescent Current
LI = HI = 0V
40
150
200
µA
IDDO
VDD Operating Current
f = 500kHz
3.0
4.0
mA
IHB
Total HB Quiescent Current
LI = HI = 0V
25
150
200
µA
IHBO
Total HB Operating Current
f = 500kHz
1.5
2.5
3
mA
IHBS
HB to VSS Current, Quiescent
VHS = VHB = 110V
0.05
1
30
µA
Input Pins: MIC4103 (CMOS Input )
VIL
Low-Level Input Voltage
Threshold
4
3
5.3
V
VIH
High-Level Input Voltage
Threshold
5.7
7
8
V
VIHYS
Input Voltage Hysteresis
0.4
V
RI
Input Pull-Down Resistance
100
200
500
kΩ
Input Pins: MIC4104 (TTL Input )
VIL
Low-Level Input Voltage
Threshold
0.8
1.5
V
VIH
High-Level Input Voltage
Threshold
1.5
2.2
V
RI
Input Pull-Down Resistance
100
200
500
kΩ
Undervoltage Protection
VDDR
VDD Rising Threshold
6.5
7.4
8.0
V
VDDH
VDD Threshold Hysteresis
0.5
V
VHBR
HB Rising Threshold
6.0
7.0
8.0
V
VHBH
HB Threshold Hysteresis
0.4
V
Notes
:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
4.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com