Electronic Components Datasheet Search
  English  ▼

X  

MIC4103 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4103
Description  100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4103 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4103 Datasheet HTML 1Page - Micrel Semiconductor MIC4103 Datasheet HTML 2Page - Micrel Semiconductor MIC4103 Datasheet HTML 3Page - Micrel Semiconductor MIC4103 Datasheet HTML 4Page - Micrel Semiconductor MIC4103 Datasheet HTML 5Page - Micrel Semiconductor MIC4103 Datasheet HTML 6Page - Micrel Semiconductor MIC4103 Datasheet HTML 7Page - Micrel Semiconductor MIC4103 Datasheet HTML 8Page - Micrel Semiconductor MIC4103 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel
MIC4103/4104
November 2010
4
M9999-110910-B
Electrical Characteristics
(4) (Continued)
VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO; TA = 25°C; unless noted. Bold values indicate –40°C< TJ < +125°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Bootstrap Diode
VDL
Low-Current Forward Voltage
IVDD-HB = 100µA
0.4
0.55
0.70
V
VDH
High-Current Forward Voltage
IVDD-HB = 100mA
0.7
0.8
1.0
V
RD
Dynamic Resistance
IVDD-HB = 100mA
1.0
1.5
2.0
Ω
LO Gate Driver
VOLL
Low-Level Output Voltage
ILO = 160mA
0.18
0.3
0.4
V
VOHL
High-Level Output Voltage
ILO = −100mA, VOHL = VDD - VLO
0.25
0.3
0.45
V
IOHL
Peak Sink Current
VLO = 0V
3
A
IOLL
Peak Source Current
VLO = 12V
2
A
HO Gate Driver
VOLH
Low-Level Output Voltage
IHO = 160mA
0.22
0.3
0.4
V
VOHH
High-Level Output Voltage
IHO = −100mA, VOHH = VHB – VHO
0.25
0.3
0.45
V
IOHH
Peak Sink Current
VHO = 0V
3
A
IOLH
Peak Source Current
VHO = 12V
2
A
Switching Specifications
tLPHL
Lower Turn-Off Propagation
Delay (LI Falling to LO Falling)
(MIC4103)
24
45
ns
tHPHL
Upper Turn-Off Propagation
Delay (HI Falling to HO Falling)
(MIC4103)
24
45
ns
tLPLH
Lower Turn-On Propagation
Delay (LI Rising to LO Rising)
(MIC4103)
24
45
ns
tHPLH
Upper Turn-On Propagation
Delay (HI Rising to HO Rising)
(MIC4103)
24
45
ns
tLPHL
Lower Turn-Off Propagation
Delay (LI Falling to LO Falling)
(MIC4104)
24
45
ns
tHPHL
Upper Turn-Off Propagation
Delay (HI Falling to HO Falling)
(MIC4104)
24
45
ns
tLPLH
Lower Turn-On Propagation
Delay (LI Rising to LO Rising)
(MIC4104)
24
45
ns
tHPLH
Upper Turn-On Propagation
Delay (HI Rising to HO Rising)
(MIC4104)
24
45
ns
tMON
Delay Matching: Lower Turn-On
and Upper Turn-Off
3
8
10
ns
tMOFF
Delay Matching: Lower Turn-Off
and Upper Turn-On
3
8
10
ns
tRC
Output Rise Time
CL = 1000pF
10
ns
tFC
Output Fall Time
CL = 1000pF
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com