Electronic Components Datasheet Search
  English  ▼

X  

MIC5326 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5326
Description  150mA Low Operating Current LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5326 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5326 Datasheet HTML 1Page - Micrel Semiconductor MIC5326 Datasheet HTML 2Page - Micrel Semiconductor MIC5326 Datasheet HTML 3Page - Micrel Semiconductor MIC5326 Datasheet HTML 4Page - Micrel Semiconductor MIC5326 Datasheet HTML 5Page - Micrel Semiconductor MIC5326 Datasheet HTML 6Page - Micrel Semiconductor MIC5326 Datasheet HTML 7Page - Micrel Semiconductor MIC5326 Datasheet HTML 8Page - Micrel Semiconductor MIC5326 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC5326
150mA Low Operating Current LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 9440800 • fax + 1 (408) 4741000 • http://www.micrel.com
October 2008
M9999-100808-A
General Description
The MIC5326 is a low quiescent current, low dropout
regulator designed for optimal performance in a small
space. The MIC5326 is capable of sourcing 150mA of
output current while only consuming 24µA of operating
current. This high performance LDO offers low dropout,
fast transient response, good PSRR, and low output
voltage noise.
The MIC5326 is an ideal solution for battery operated
applications due to low operating current of 24μA and
extremely low dropout voltage of 85mV at 150mA.
Equipped with a TTL logic compatible enable pin, the
MIC5326 can be put into a zero-off-mode current state
drawing virtually no current when disabled.
Board space and component cost is minimized because
the MIC5326 operates with very small 1μF ceramic
capacitors, provides fixed output voltages, and is available
in the tiny 1.2mm x 1.6mm Thin MLF
® package.
MIC5326 also features thermal shutdown and current limit
protection.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 150mA output current
• Input voltage range: 2.3V to 5.5V
• Low 24µA operating current
• Low dropout voltage of 85mV @ 150mA
• Fixed output voltage
• Stable with 1μF ceramic capacitors
• Thermal shutdown and current limit protection
• Tiny 4-pin 1.2mm x 1.6mm Thin MLF® package
Applications
• Mobile handsets
• GPS and navigation devices
• Portable media players
• Digital still and video cameras
• PDAs
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
MIC5326-xxYMT
VIN
VEN
VOUT
GND
1µF
1µF
VBAT
VOUT
LDO Application


Similar Part No. - MIC5326

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.5YD6 MICREL-MIC5320-1.8/1.5YD6 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5320-1.8/1.5YD6 MICREL-MIC5320-1.8/1.5YD6 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.5YML MICREL-MIC5320-1.8/1.5YML Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
More results

Similar Description - MIC5326

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5304 MICREL-MIC5304 Datasheet
421Kb / 12P
Single 150mA Low Operating Current LDO with Dual Voltage Pin Select
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com