Electronic Components Datasheet Search
  English  ▼

X  

MIC5326 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5326
Description  150mA Low Operating Current LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5326 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5326 Datasheet HTML 1Page - Micrel Semiconductor MIC5326 Datasheet HTML 2Page - Micrel Semiconductor MIC5326 Datasheet HTML 3Page - Micrel Semiconductor MIC5326 Datasheet HTML 4Page - Micrel Semiconductor MIC5326 Datasheet HTML 5Page - Micrel Semiconductor MIC5326 Datasheet HTML 6Page - Micrel Semiconductor MIC5326 Datasheet HTML 7Page - Micrel Semiconductor MIC5326 Datasheet HTML 8Page - Micrel Semiconductor MIC5326 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5326
October 2008
4
M9999-100808-A
Typical Characteristics
10
0
Power Supply
Rejection Ratio
100
FREQUENCY (Hz)
10
1k
10k
1M
VIN = VOUT +1V
VOUT = 2.8V
COUT = 1µF
50mA
100mA
150mA
100k
100µA
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
0
255075 100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VEN = VOUT +1
VOUT = 2.8V
CIN = COUT = 1µF
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
Output Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VEN = VOUT +1V
CIN = COUT = 1µF
2.0
2.5
3.0
3.5
2.5
3.0 3.5
4.0 4.5
5.0 5.5
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
VEN = 1.2V
VOUT = 2.8V
CIN = COUT = 1µF
100µA
50mA
150mA
16
20
24
28
32
0
255075 100 125 150
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
VIN = VEN = VOUT + 1
VOUT = 2.8V
CIN = COUT = 1µF
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VEN = VIN
CIN = COUT = 1µF
0
20
40
60
80
100
120
Dropout Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VEN = 1.2V
VOUT = 2.8V
CIN = COUT = 1µF
ILOAD = 150mA
16
20
24
28
32
Ground Current
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VEN = VOUT + 1V
VOUT = 2.8V
CIN = COUT = 1µF
100µA
150mA
10
14
18
22
26
30
34
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Ground Current
vs. Input Voltage
100µA
150mA
VIN = VEN
VOUT = 2.8V
CIN = COUT = 1µF
400
450
500
550
600
650
700
2.5
3.0 3.5
4.0 4.5
5.0 5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
VEN = 1.2V
VOUT = 2.8V
CIN = COUT = 1µF
0.01
0.1
1
10
100
Output Noise
Spectral Density
FREQUENCY (Hz)
100
1k
10k
1M
100k
VIN = 4.5V
VOUT = 2.8V
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com