Electronic Components Datasheet Search
  English  ▼

X  

MIC5326 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5326
Description  150mA Low Operating Current LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5326 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5326 Datasheet HTML 1Page - Micrel Semiconductor MIC5326 Datasheet HTML 2Page - Micrel Semiconductor MIC5326 Datasheet HTML 3Page - Micrel Semiconductor MIC5326 Datasheet HTML 4Page - Micrel Semiconductor MIC5326 Datasheet HTML 5Page - Micrel Semiconductor MIC5326 Datasheet HTML 6Page - Micrel Semiconductor MIC5326 Datasheet HTML 7Page - Micrel Semiconductor MIC5326 Datasheet HTML 8Page - Micrel Semiconductor MIC5326 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC5326
October 2008
3
M9999-100808-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)........................................ –0.3V to +6V
Enable Voltage (VEN)......................................... –0.3V to VIN
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature ( soldering, 5sec.)........................ 260°C
Junction Temperature(TJ ).........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating..................................................................... 2kV
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.3V to 5.5V
Enable/Select Voltage (VEN)................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
1.2mm x 1.6mm
Thin MLF-4 (θJA)......................173°C/W
Electrical Characteristics
(5)
VIN = VEN = VOUT + 1V; COUT = 1µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT
–1.5
+1.5
%
Output Voltage Accuracy
Variation from nominal VOUT
–2.0
+2.0
%
VIN = VOUT +1V to 5.5V, IOUT = 100µA
0.01
0.3
%/V
Line Regulation
VIN = VOUT +1V to 5.5V, IOUT = 100µA
0.5
%/V
Load Regulation
(6)
IOUT = 100µA to 150mA
0.05
1
%
Dropout Voltage
(7)
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
30
55
85
150
mV
mV
mV
Ground Pin Current
(8)
IOUT = 100µA to 150mA
24
35
µA
Ground Pin Current in Shutdown
VEN = 0V
0.01
1
µA
Ripple Rejection
f = 1kHz; COUT = 1µF; IOUT = 150mA
f = 20kHz; COUT = 1µF; IOUT = 150mA
60
50
dB
dB
Current Limit
VOUT = 0V
275
475
750
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
90
µVRMS
Enable Voltage
Logic Low
0.2
V
Enable Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
1
µA
Enable Current
VIH ≥ 1.2V
0.01
1
µA
Turn on Time
COUT = 1µF; IOUT = 150mA
150
500
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing.
7. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal VOUT
8. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com