Electronic Components Datasheet Search
  English  ▼

X  

MIC5326 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5326
Description  150mA Low Operating Current LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5326 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5326 Datasheet HTML 1Page - Micrel Semiconductor MIC5326 Datasheet HTML 2Page - Micrel Semiconductor MIC5326 Datasheet HTML 3Page - Micrel Semiconductor MIC5326 Datasheet HTML 4Page - Micrel Semiconductor MIC5326 Datasheet HTML 5Page - Micrel Semiconductor MIC5326 Datasheet HTML 6Page - Micrel Semiconductor MIC5326 Datasheet HTML 7Page - Micrel Semiconductor MIC5326 Datasheet HTML 8Page - Micrel Semiconductor MIC5326 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC5326
October 2008
2
M9999-100808-A
Ordering Information
Part Number
Marking
(2)
Voltage
(1)
Temperature Range
Package
(3)
MIC5326-2.8YMT
2Q8
2.8V
–40° to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Note:
1.
For other voltage options contact Micrel Marketing.
2.
Pin 1 identifier= “▲”.
3.
MLF is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
1
VIN
GND
4
VOUT
EN
3
2
4-Pin 1.2mm x 1.6mm Thin MLF
® (MT)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground.
3
EN
Enable Input: Active High Logic Input. Logic High = On; Logic Low = Off. Do
not leave floating.
4
VOUT
Output Voltage.
HSPAD
EPAD
Exposed heatsink pad connected to ground internally.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com