Electronic Components Datasheet Search
  English  ▼

X  

MIC5375 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5375
Description  High Performance Low Dropout 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5375 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5375 Datasheet HTML 1Page - Micrel Semiconductor MIC5375 Datasheet HTML 2Page - Micrel Semiconductor MIC5375 Datasheet HTML 3Page - Micrel Semiconductor MIC5375 Datasheet HTML 4Page - Micrel Semiconductor MIC5375 Datasheet HTML 5Page - Micrel Semiconductor MIC5375 Datasheet HTML 6Page - Micrel Semiconductor MIC5375 Datasheet HTML 7Page - Micrel Semiconductor MIC5375 Datasheet HTML 8Page - Micrel Semiconductor MIC5375 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
MIC5375/6/7/8
January 2009
5
M9999-011309-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................... 0V to 6V
Enable Voltage (VEN).............................................. 0V to VIN
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature (soldering, 5 sec)......................... 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.5V to 5.5V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
1mm x 1mm Thin MLF-4 (
θJA) .........................250°C/W
1.2mm x 1.2mm Thin MLF-8(
θJA) ....................250°C/W
SC-70-5 (
θJA) ................................................256.5°C/W
Electrical Characteristics
(5)
VIN = VEN = VOUT + 1V; CIN = COUT = 1µF for Vout ≥ 2.5V, CIN = COUT = 2.2µF for VOUT < 2.5V; IOUT = 100µA; TJ = 25°C,
bold
values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT
–2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT
–3.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
%
Load Regulation
(6)
IOUT = 100µA to 150mA
0.3
1.0
%
Dropout Voltage
(7)
IOUT = 50mA
IOUT = 150mA
45
120
100
200
mV
mV
Ground Pin Current
(8)
IOUT = 0mA
29
45
µA
Ground Pin Current in Shutdown
VEN ≤ 0.2V
0.05
1
µA
Ripple Rejection
f = 1kHz; COUT = 1µF
f = 10kHz; COUT = 1µF
60
50
dB
dB
Current Limit
VOUT = 0V
200
370
550
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
200
µVRMS
Auto-Discharge NFET
Resistance
VEN = 0V; VIN = 3.6V
30
Ω
Reference Voltage (MIC5377/8)
Reference Voltage Accuracy
0.97
1
1.03
V
Adjust Pin Input Current
0.01
μA
Enable Input
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
1
µA
Enable Input Current
VIH ≥ 1.2V
0.01
1
µA
Turn-on Time
COUT = 1µF; IOUT = 150mA
45
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing.
7. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
For outputs below 2.5V, dropout voltage is the input-to-output differential with the minimum input voltage 2.5V.
8. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com