Electronic Components Datasheet Search
  English  ▼

X  

MIC5375 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5375
Description  High Performance Low Dropout 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5375 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5375 Datasheet HTML 6Page - Micrel Semiconductor MIC5375 Datasheet HTML 7Page - Micrel Semiconductor MIC5375 Datasheet HTML 8Page - Micrel Semiconductor MIC5375 Datasheet HTML 9Page - Micrel Semiconductor MIC5375 Datasheet HTML 10Page - Micrel Semiconductor MIC5375 Datasheet HTML 11Page - Micrel Semiconductor MIC5375 Datasheet HTML 12Page - Micrel Semiconductor MIC5375 Datasheet HTML 13Page - Micrel Semiconductor MIC5375 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Micrel, Inc.
MIC5375/6/7/8
January 2009
10
M9999-011309-B
VIN
VOUT
EN
U1 MIC5375/6-xxYMT
GND
C2
1µF/10V
J3
VOUT
J5
EN
C1
1µF/10V
4
23
1
J1
VIN
2.5V - 5.5V
J2
GND
J4
GND
R1
100k
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
GRM155R61A105KE15D
Murata
(1)
C1005X5R1A105K
TDK
(2)
C1, C2
0402ZD105MAT
AVX
(3)
Capacitor, 1µF Ceramic, 10V, X5R, Size 0402
2
R1
CRCW0603100KFKEA
Vishay
(4)
Resistor, 100k, 1%, 1/16W, Size 0603
1
U1
MIC5375/6-xxYMT
Micrel, Inc.
(5)
High Performance 150mA LDO,
4 Pin 1mm x 1mm Thin MLF
®
1
Notes:
1. Murata: www.murata.com
2. TDK: www.tdk.com
3. AVX: www.avx.com
4. Vishay: www.vishay.com
5. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com